Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1485V0075AQ0R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # Y1485V0075AQ0R
Description  High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1485V0075AQ0R Datasheet(HTML) 3 Page - Vishay Siliconix

  Y1485V0075AQ0R Datasheet HTML 1Page - Vishay Siliconix Y1485V0075AQ0R Datasheet HTML 2Page - Vishay Siliconix Y1485V0075AQ0R Datasheet HTML 3Page - Vishay Siliconix Y1485V0075AQ0R Datasheet HTML 4Page - Vishay Siliconix Y1485V0075AQ0R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63088
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 05-Jun-07
3
DSM
High Precision Bulk Metal® Foil Surface Mount Voltage
Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance
Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Vishay Foil Resistors
TABLE 3 - PERFORMANCE SPECIFICATIONS (Test Method Per MIL-PRF-914)
SPECIFICATIONS
TYPICAL LIMITS
Power rating at 70 °C
Entire package: 0.1 W
Each resistor: 0.05 W
Maximum Working Voltage (each resistor)
25 V
Working Temperature Range
- 65 °C to + 125 °C
Thermal Shock
ΔR = 0.01 % (100 ppm)
25 x (- 65 °C to + 125 °C)
ΔRatio = 0.005 % (50 ppm)
Thermal Shock
5 x (- 65 °C to + 125 °C) and
ΔR = 0.015 % (150 ppm)
Power Conditioning
ΔRatio = 0.01 % (100 ppm)
1.5 rated power at 25 °C, 100 hours
DWV atmospheric pressure, 200 V (A.C.), 1 minute
Successfully passed
Insulation Resistance 100 V (D.C.), 1 minute
> 104 M
Ω
Resistance to Soldering Heat
ΔR = 0.01 % (100 ppm)
ΔRatio = 0.005 % (50 ppm)
Moisture Resistance
ΔR = 0.02 % (200 ppm)
+ 65 °C to - 10 °C; 90 % to 98 % RH; 0.1 x rated power, 240 hours
ΔRatio = 0.005 % (50 ppm)
Shock (Specified Pulse)
ΔR = 0.005 % (50 ppm)
100 G
ΔRatio = 0.0025 % (25 ppm)
Vibration, High Frequency
ΔR = 0.01 % (100 ppm)
(10 Hz - 2000 Hz), 20 G
ΔRatio = 0.005 % (50 ppm)
High Temperature Exposure
ΔR = 0.01 % (100 ppm)
100 hours at 125 °C
ΔRatio = 0.005 % (50 ppm)
Low Temperature Storage
ΔR = 0.005 % (50 ppm)
24 hours at - 65 °C
ΔRatio = 0.005 % (50 ppm)
Load Life Stability
ΔR = 0.005 % (50 ppm)
2000 hours at + 70 °C; rated power
ΔRatio = 0.005 % (50 ppm)
Short Time Overload
ΔR = 0.005 % (50 ppm)
6.25 x Rated Power; 5 seconds
ΔRatio = 0.0025 % (25 ppm)
Low Temperature Operation
ΔR = 0.005 % (50 ppm)
ΔRatio = 0.0025 % (25 ppm)
Weight
0.04 g


Similar Part No. - Y1485V0075AQ0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14870R01000B9W VISHAY-Y14870R01000B9W Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
Y14870R05000B9W VISHAY-Y14870R05000B9W Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
2Mb / 7P
   Vishay Foil Resistors
Revision: 3-May-11
Y14870R12400B0W VISHAY-Y14870R12400B0W Datasheet
2Mb / 7P
   Vishay Foil Resistors
Revision: 3-May-11
More results

Similar Description - Y1485V0075AQ0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com