Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


A-103-J-20-C0G-F-5-TAA Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. A-103-J-20-C0G-F-5-TAA
Description  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

 
 3 page
background image
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45164
22
Revision: 17-Jan-06
Mono-Axial
Vishay
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
PART NUMBER LISTING
MONO-AXIAL Y5V - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
+ 80/- 20 % TOLERANCE
PACKAGING
10 000
50 Vdc
A103Z15Y5VF5TAA
REEL
10 000
A103Z15Y5VF5UAA
AMMO
15 000
A153Z15Y5VF5TAA
REEL
15 000
A153Z15Y5VF5UAA
AMMO
22 000
A223Z15Y5VF5TAA
REEL
22 000
A223Z15Y5VF5UAA
AMMO
33 000
A333Z15Y5VF5TAA
REEL
33 000
A333Z15Y5VF5UAA
AMMO
47 000
A473Z15Y5VF5TAA
REEL
47 000
A473Z15Y5VF5UAA
AMMO
68 000
A683Z15Y5VF5TAA
REEL
68 000
A683Z15Y5VF5UAA
AMMO
100 000
A104Z15Y5VF5TAA
REEL
100 000
A104Z15Y5VF5UAA
AMMO
150 000
A154Z15Y5VF5TAA
REEL
150 000
A154Z15Y5VF5UAA
AMMO
220 000
A224Z15Y5VF5TAA
REEL
220 000
A224Z15Y5VF5UAA
AMMO
330 000
A334Z15Y5VF5TAA
REEL
330 000
A334Z15Y5VF5UAA
AMMO
470 000
A474Z20Y5VF5TAA
REEL
470 000
A474Z20Y5VF5UAA
AMMO
680 000
A684Z20Y5VF5TAA
REEL
680 000
A684Z20Y5VF5UAA
AMMO
1 000 000
A105Z20Y5VF5TAA
REEL
1 000 000
A105Z20Y5VF5UAA
AMMO
MONO-AXIAL X7R - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
10 % TOLERANCE
20 % TOLERANCE
PACKAGING
100
50 Vdc
A101K15X7RF5TAA
A101M15X7RF5TAA
REEL
100
A101K15X7RF5UAA
A101M15X7RF5UAA
AMMO
120
A121K15X7RF5TAA
A121M15X7RF5TAA
REEL
120
A121K15X7RF5UAA
A121M15X7RF5UAA
AMMO
150
A151K15X7RF5TAA
A151M15X7RF5TAA
REEL
150
A151K15X7RF5UAA
A151M15X7RF5UAA
AMMO
180
A181K15X7RF5TAA
A181M15X7RF5TAA
REEL
180
A181K15X7RF5UAA
A181M15X7RF5UAA
AMMO
220
A221K15X7RF5TAA
A221M15X7RF5TAA
REEL
220
A221K15X7RF5UAA
A221M15X7RF5UAA
AMMO
270
A271K15X7RF5TAA
A271M15X7RF5TAA
REEL
270
A271K15X7RF5UAA
A271M15X7RF5UAA
AMMO
330
A331K15X7RF5TAA
A331M15X7RF5TAA
REEL
330
A331K15X7RF5UAA
A331M15X7RF5UAA
AMMO
390
A391K15X7RF5TAA
A391M15X7RF5TAA
REEL
390
A391K15X7RF5UAA
A391M15X7RF5UAA
AMMO
470
A471K15X7RF5TAA
A471M15X7RF5TAA
REEL
470
A471K15X7RF5UAA
A471M15X7RF5UAA
AMMO
560
A561K15X7RF5TAA
A561M15X7RF5TAA
REEL
560
A561K15X7RF5UAA
A561M15X7RF5UAA
AMMO
680
A681K15X7RF5TAA
A681M15X7RF5TAA
REEL
680
A681K15X7RF5UAA
A681M15X7RF5UAA
AMMO




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VJ0402Surface Mount Multilayer Ceramic Chip Capacitors for TCC Critical Applications 1 2 3 4 5 Vishay Siliconix
VJC0GSurface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications 1 2 3 4 5 MoreVishay Siliconix
VJCER-FSurface Mount Multilayer Ceramic Chip Capacitors for Film Cap Replacement 1 2 3 4 Vishay Siliconix
VJRUGGEDSurface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications 1 2 3 4 Vishay Siliconix
VJ0603Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications 1 2 3 4 Vishay Siliconix
VJX7RVTOPSurface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications 1 2 3 4 Vishay Siliconix
VJ0402ASurface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications 1 2 3 4 5 MoreVishay Siliconix
VJX8RSurface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications 1 2 3 4 5 Vishay Siliconix
561RLower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized 1 2 3 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl