Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS5HYA17C10 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # HCS5HYA17C10
Description  Temperature Compensated Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

HCS5HYA17C10 Datasheet(HTML) 3 Page - Vectron International, Inc

  HCS5HYA17C10 Datasheet HTML 1Page - Vectron International, Inc HCS5HYA17C10 Datasheet HTML 2Page - Vectron International, Inc HCS5HYA17C10 Datasheet HTML 3Page - Vectron International, Inc HCS5HYA17C10 Datasheet HTML 4Page - Vectron International, Inc HCS5HYA17C10 Datasheet HTML 5Page - Vectron International, Inc HCS5HYA17C10 Datasheet HTML 6Page - Vectron International, Inc HCS5HYA17C10 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
C
L
0.762
(.030)
38.887
(1.531)
38.887
(1.531)
25.4
(1.000)
12.70
(0.500)
5.842
(0.23)
13.462
(0.53)
12.70
(0.50)
25.4
(1.000)
12.70
(0.500)
34
2
1
10.160
(0.400)
6.350
(0.250)
5
.508
(0.02)
20.320
(0.800)
max
min
max
max
C
L
DIA. 5 PLACES
R5 PACKAGE
Frequency Adjust:
Option
Specification
HY
± 3 ppm min. via external
voltage, 0 to +5 Vdc
HX
NONE
Pin
Function
1
Output
2
+Vdd
3
Gnd, Case
4
Gnd / V tune
5Gnd
C
L
.508
(0.20)
34
2
1
5
1.270
(0.05)
FREQUENCY
ADJUST ACCESS
38.887
(1.531)
max
25.4
(1.000)
12.70
(0.500)
10.160
(0.400)
6.350
(0.250)
20.320
(0.800)
25.4
(1.000)
12.70
(0.500)
5.842
(0.23)
min
38.887
(1.531)
max
13.462
(0.53)
.508
(0.02)
max
0.762
(.030)
DIA. 5 PLACES
C
L
R7 PACKAGE
mm
(in.)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
3
SATCOM / "1 ppm Forever" TCXO
Frequency Adjust:
Option
Specification
HY & HX
± 3 ppm min. via internal
mechanical adjust
Pin
Function
1
Output
2
+Vdd
3
Gnd, Case
4Gnd
5Gnd


Similar Part No. - HCS5HYA17C10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1997
HCS500 MICROCHIP-HCS500 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS500 MICROCHIP-HCS500 Datasheet
728Kb / 40P
   KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I/P MICROCHIP-HCS500-I/P Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS5HYA17C10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com