Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5232-V Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MMBZ5232-V
Description  Small Signal Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBZ5232-V Datasheet(HTML) 3 Page - Vishay Siliconix

  MMBZ5232-V Datasheet HTML 1Page - Vishay Siliconix MMBZ5232-V Datasheet HTML 2Page - Vishay Siliconix MMBZ5232-V Datasheet HTML 3Page - Vishay Siliconix MMBZ5232-V Datasheet HTML 4Page - Vishay Siliconix MMBZ5232-V Datasheet HTML 5Page - Vishay Siliconix MMBZ5232-V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBZ5225-V to MMBZ5267-V
Document Number 85772
Rev. 1.4, 21-Oct-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Forward characteristics
Figure 2. Capacitance vs. Zener Voltage
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
18114
mA
103
102
10-1
10-2
10-3
10-4
10-5
10
1
I
F
V
F
0
0.2
0.4
0.6
0.8
1 V
TJ = 100 °C
TJ = 25 °C
18118
1000
7
5
4
3
2
7
5
4
3
2
100
10
pF
C
tot
1
2
3
45
2
3
45
10
100 V
V
Z at IZ = 5 mA
TJ = 25 °C
V
R = 1 V
V
R = 2 V
V
R = 1 V
V
R = 2 V
18672
0
100
200 °C
250
mW
200
150
100
50
0
P
tot
T
amb
Figure 4. Pulse Thermal Resistance vs. Pulse Duration
18116
0.01
0.02
0.05
0.1
0.2
0.5
= 0
P
I
tp
tp
T
T
103
°C/W
7
5
4
3
2
7
5
4
3
2
7
5
4
3
2
102
10-5
10-4
10-3
10-2
10-1
110 s
10
1
r
thA
tp


Similar Part No. - MMBZ5232-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ5232-V-G VISHAY-MMBZ5232-V-G Datasheet
88Kb / 4P
   Small Signal Zener Diodes
Rev. 1.2, 24-Nov-11
More results

Similar Description - MMBZ5232-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com