Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S222K39Y5PN6.J5. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S222K39Y5PN6.J5.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S222K39Y5PN6.J5. Datasheet(HTML) 2 Page - Vishay Siliconix

  S222K39Y5PN6.J5. Datasheet HTML 1Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 2Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 3Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 4Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 5Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 6Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 7Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 8Page - Vishay Siliconix S222K39Y5PN6.J5. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number 28515
50
Revision 26-Oct-06
HV 1 kV - 6 kV
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
ORDERING INFORMATION, 1 KV (DC), STRAIGHT
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK
16th DIGIT:
R = RoHS COMPLIANT
KINKED
CLASS 1 SL0
10
± 5
6.5
5.0
4.0
S100J25SL0N6.J5.
± 10
S100K25SL0N6.J5.
12
± 5
S120J25SL0N6.J5.
± 10
S120K25SL0N6.J5.
15
± 5
S150J25SL0N6.J5.
± 10
S150K25SL0N6.J5.
18
± 5
S180J25SL0N6.J5.
± 10
S180K25SL0N6.J5.
22
± 5
S220J25SL0N6.J5.
± 10
S220K25SL0N6.J5.
27
± 5
S270J25SL0N6.J5.
± 10
S270K25SL0N6.J5.
33
± 5
S330J25SL0N6.J5.
± 10
S330K25SL0N6.J5.
39
± 5
S390J25SL0N6.J5.
± 10
S390K25SL0N6.J5.
47
± 5
S470J25SL0N6.J5.
± 10
S470K25SL0N6.J5.
56
± 5
7.5
S560J29SL0N6.J5.
± 10
S560K29SL0N6.J5.
68
± 5
S680J29SL0N6.J5.
± 10
S680K29SL0N6.J5.
82
± 5
S820J29SL0N6.J5.
± 10
S820K29SL0N6.J5.
100
± 5
S101J29SL0N6.J5.
± 10
S101K29SL0N6.J5.
120
± 5
8.5
S121J33SL0N6.J5.
± 10
S121K33SL0N6.J5.
150
10.0
S151K33SL0N6.J5.
220
S221K39SL0N6.J5.
CLASS 2 X7R
100
± 10
6.5
5.0
4.0
S101K25X7RN6.J5.
150
S151K25X7RN6.J5.
220
S221K25X7RN6.J5.
330
S331K25X7RN6.J5.
470
7.5
S471K29X7RN6.J5.
680
S681K29X7RN6.J5.
1000
8.5
S102K33X7RN6.J5.
1500
10.0
S152K39X7RN6.J5.
2200
11.0
S222K43X7RN6.J5.
3300
12.0
7.5
S332K47X7RN6.J7.
4700
15.0
4.8
S472K59X7RN6.J7.


Similar Part No. - S222K39Y5PN6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K43X7RN6 VISHAY-S222K43X7RN6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S222K43X7RN6.J5 VISHAY-S222K43X7RN6.J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S222K43X7RN6J5 VISHAY-S222K43X7RN6J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
S222K43Y5PP6 VISHAY-S222K43Y5PP6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S222K53X7RP6 VISHAY-S222K53X7RP6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - S222K39Y5PN6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com