Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR5HYA17C10 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # RCR5HYA17C10
Description  Temperature Compensated Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

RCR5HYA17C10 Datasheet(HTML) 7 Page - Vectron International, Inc

  RCR5HYA17C10 Datasheet HTML 1Page - Vectron International, Inc RCR5HYA17C10 Datasheet HTML 2Page - Vectron International, Inc RCR5HYA17C10 Datasheet HTML 3Page - Vectron International, Inc RCR5HYA17C10 Datasheet HTML 4Page - Vectron International, Inc RCR5HYA17C10 Datasheet HTML 5Page - Vectron International, Inc RCR5HYA17C10 Datasheet HTML 6Page - Vectron International, Inc RCR5HYA17C10 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
How to Order
For HY Option:
RC R7 HY A17 C
10.000 MHz
Frequency (0.5 to 160 MHz)
Commercial Screening (Predetermined)
Stability (See "Specifying Temperature Stability")
HY - For SATCOM type applications
Package Option (R5, R7, S5, S7)
Output Option (AC, HC, TD, RG, RC)
For HX Option:
RG R5 HX
15.000 MHz
B37 C
(max. temp. range -20 to +70˚C)
Frequency (0.5 to 160 MHz)
HX - For "1 ppm Forever"
Package Option (R5, R7, S5, S7)
Output Option (AC, HC, TD, RG, RC)
USA: Vectron International • 267 Lowell Road, Hudson, NH 03051
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tel: +86 21 28909740 / 41 /42 • Fax: +86 21 28909240 / 2890999
Visit Our Website at
www.vectron.com
For additional information please contact:
Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
Tel: 49 (0) 3328 4784 17 • Fax: 49 (0) 3328 4784 30
. . . . .
. . . . . .
www.vectron.com
Vectron International reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
7
SATCOM / "1 ppm Forever" TCXO
Rev. A 042502, 081902
Stability (See "Specifying Temperature Stability")
Commercial Screening (Predetermined)


Similar Part No. - RCR5HYA17C10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Token Electronics Indus...
RCR50 TOKEN-RCR50 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
RCR500 TOKEN-RCR500 Datasheet
336Kb / 3P
   RCR Anti-Surge Resistors
RCR501/2W100RJP TOKEN-RCR501/2W100RJP Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
RCR501/2W100RJTB TOKEN-RCR501/2W100RJTB Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
More results

Similar Description - RCR5HYA17C10

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com