Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWE-12-6-Q48NB-C Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # UWE-12-6-Q48NB-C
Description  Wide Input, Isolated Eighth-Brick DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWE-12-6-Q48NB-C Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button UWE-12-6-Q48NB-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UWE-12-6-Q48NB-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
UWE Series
Wide Input, Isolated
Eighth-Brick DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
TECHNICAL NOTES
Input Fusing
Certain applications and/or safety agencies may require the installation of
fuses at the inputs of power conversion components. Fuses should also be
used if the possibility of sustained, non-current-limited, input-voltage polarity
reversals exist. For MPS UWE DC/DC Converters, you should use slow-blow
type fuses, installed in the ungrounded input supply line. Refer to the specifica-
tions for fuse values.
All relevant national and international safety standards and regulations must
be observed by the installer. For system safety agency approvals, the convert-
ers must be installed in compliance with the requirements of the end-use
safety standard, e.g., IEC/EN/UL60950-1.
Input Undervoltage Shutdown and Start-Up Threshold
Under normal start-up conditions, devices will not begin to regulate until
the ramping-up input voltage exceeds the Start-Up Threshold Voltage. Once
operating, devices will not turn off until the input voltage drops below the
Undervoltage Shutdown limit. Subsequent re-start will not occur until the input
is brought back up to the Start-Up Threshold. This built in hysteresis prevents
any unstable on/off situations from occurring at a single input voltage.
Start-Up Time
The VIN to VOUT Start-Up Time is the interval of time between the point at which
the ramping input voltage crosses the Start-Up Threshold and the fully loaded
output voltage enters and remains within its specified accuracy band. Actual
measured times will vary with input source impedance, external input/output
capacitance, and load. The UWE Series implements a soft start circuit that
limits the duty cycle of its PWM controller at power up, thereby limiting the
input inrush current.
The On/Off Control to VOUT start-up time assumes the converter has its
nominal input voltage applied but is turned off via the On/Off Control pin. The
specification defines the interval between the point at which the converter is
turned on and the fully loaded output voltage enters and remains within its
specified accuracy band. Similar to the VIN to VOUT start-up, the On/Off Control
to VOUT start-up time is also governed by the internal soft start circuitry and
external load capacitance.
The difference in start up time from VIN to VOUT and from On/Off Control to
VOUT is therefore insignificant.
Input Source Impedance
UWE converters must be driven from a low ac-impedance input source.
The DC/DC’s performance and stability can be compromised by the use of
highly inductive source impedances. For optimum performance, compo-
nents should be mounted close to the DC/DC converter. If the application
has a high source impedance, low VIN models can benefit from increased
external input capacitance.
I/O Filtering, Input Ripple Current, and Output Noise
All models in the UWE Converters are tested/specified for input reflected ripple
current and output noise using the specified external input/output components/
circuits and layout as shown in the following two figures.
External input capacitors (CIN in Figure 2) serve primarily as energy-storage
elements, minimizing line voltage variations caused by transient IR drops in
conductors from backplane to the DC/DC. Input caps should be selected for bulk
capacitance (at appropriate frequencies), low ESR, and high rms-ripple-current
ratings. The switching nature of DC/DC converters requires that dc voltage
sources have low ac impedance as highly inductive source impedance can affect
system stability. In Figure 2, CBUS and LBUS simulate a typical dc voltage bus. Your
specific system configuration may necessitate additional considerations.
Input Voltage
Q12 Models - Volts, max. continuous
Volts, transient, 100 mSec
Q48 Models - Volts, max. continuous
Volts, transient, 100 mSec
0-36 VDC
0-50 VDC
0-75 VDC
0-100 VDC
On/Off Control
-0.7 V. min to +15V max.
Input Reverse Polarity Protection
See Fuse section.
Output Overvoltage
Vout nom. +20% max.
Output Current (Note 7)
Current-limited. Devices can
withstand sustained short circuit
without damage.
Overtemperature Protection
Device includes electronic over-
temperature shutdown protection
under normal operation.
Storage Temperature
-55 to +125° C.
Lead Temperature
See soldering specifications
Absolute maximums are stress ratings. Exposure of devices to greater than any of these
conditions may adversely affect long-term reliability. Proper operation under conditions
other than those listed in the Performance/Functional Specifications Table is not implied or
recommended.
Absolute Maximum Ratings
CIN
VIN
CBUS
LBUS
CIN = 33μF, ESR < 700mΩ @ 100kHz
CBUS = 220μF, ESR < 100mΩ @ 100kHz
LBUS = 12μH
+INPUT
–INPUT
CURRENT
PROBE
TO
OSCILLOSCOPE
+
Figure 2. Measuring Input Ripple Current
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Be cautious when there is high atmo-
spheric humidity. We strongly recommend a mild pre-bake (100° C. for 30 minutes). Your
production environment may differ; therefore please thoroughly review these guidelines
with your process engineers.
Wave Solder Operations for through-hole mounted products (THMT)
For Sn/Ag/Cu based solders:
Maximum Preheat Temperature
115° C.
Maximum Pot Temperature
270° C.
Maximum Solder Dwell Time
7 seconds
For Sn/Pb based solders:
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
6 seconds
MDC_UWE Series.A17 Page 9 of 20


Similar Part No. - UWE-12-6-Q48NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE-12/10-Q12 MURATA-PS-UWE-12/10-Q12 Datasheet
2Mb / 32P
   Eighth-Brick DOSA-Compatible Wide Input Isolated DC-DC Converters
2023
UWE-12/6-Q12 MURATA-PS-UWE-12/6-Q12 Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-12/6-Q12N-C MURATA-PS-UWE-12/6-Q12N-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-12/6-Q12NB-C MURATA-PS-UWE-12/6-Q12NB-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-12/6-Q12NL2-C MURATA-PS-UWE-12/6-Q12NL2-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
More results

Similar Description - UWE-12-6-Q48NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com