Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y117212R7560D0W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y117212R7560D0W
Description  High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y117212R7560D0W Datasheet(HTML) 2 Page - Vishay Siliconix

  Y117212R7560D0W Datasheet HTML 1Page - Vishay Siliconix Y117212R7560D0W Datasheet HTML 2Page - Vishay Siliconix Y117212R7560D0W Datasheet HTML 3Page - Vishay Siliconix Y117212R7560D0W Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 63070
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 18-Sep-08
2
VSM Series (0805, 1206, 1506, 2010, 2512)
High Precision Foil Wraparound Surface
Mount Chip Resistor with TCR of ± 2 ppm/°C
and Load Life Stability of ± 0.01 % (100 ppm)
Vishay Foil Resistors
Note
1. Land Pattern Dimensions are per IPC-7351A
Note
1. As shown + 0.01
Ω to allow for measurement errors at low values.
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 -TYPICAL TCR CURVE
(For more details, see Table 1)
Note
• The TCR values for < 100
Ω are influenced by the termination
composition and result in deviation from this curve.
- 55
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
± 2 ppm/°C
(+ 25 °C reference)
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
R
R
(ppm)
Ambient Temperature (°C)
TABLE 2 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
CHIP SIZE
L
± 0.005 (0.13)
W
± 0.005 (0.13)
THICKNESS
MAXIMUM
D
± 0.005 (0.13)
Z1)
MAXIMUM
G1)
MINIMUM
X1)
MAXIMUM
0805
0.080 (2.03)
0.050 (1.27)
0.025 (0.64)
0.015 (0.38)
0.122 (3.10)
0.028 (0.71)
0.050 (1.27)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.175 (4.45)
0.059 (1.50)
0.071 (1.80)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.199 (5.05)
0.083 (2.11)
0.071 (1.80)
2010
0.198 (5.03)
0.097 (2.46)
0.025 (0.64)
0.025 (0.64)
0.247 (6.27)
0.115 (2.92)
0.103 (2.62)
2512
0.249 (6.32)
0.127 (3.23)
0.025 (0.64)
0.032 (0.81)
0.291 (7.39)
0.150 (3.81)
0.127 (3.23)
Recommended Land Pattern
Footprint
G
Z
X
Top View
D
T
W
L
TABLE 3 - SPECIFICATIONS
CHIP SIZE
RATED POWER (mW)
at + 70 °C
MAX VOLTAGE RATING
(
)
RESISTANCE RANGE
(
Ω)
MAXIMUM WEIGHT
(mg)
0805
100
34 V
10 to 12K
6
1206
150
67 V
10 to 30K
11
1506
200
89 V
10 to 40K
12
2010
300
173 V
10 to 100K
27
2512
400
220 V
10 to 150K
40
TABLE 4 - PERFORMANCES
TEST OR CONDITIONS
MIL-PRF-55342
CHARACTERISTIC E
ΔR LIMITS
TYPICAL
ΔR LIMITS
MAXIMUM
ΔR LIMITS1)
Thermal Shock
± 0.1 %
± 0.005 % (50 ppm)
± 0.02 % (200 ppm)
Low Temperature Operation
± 0.1 %
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Short Time Overload
± 0.1 %
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
High Temperature Exposure
± 0.1 %
± 0.01 % (100 ppm)
± 0.03 % (300 ppm)
Resistance to Soldering Heat
± 0.2 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Moisture Resistance
± 0.2 %
± 0.005 % (50 ppm)
± 0.03 % (300 ppm)
Load Life Stability + 70 °C for 2000 h at Rated Power
± 0.5 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
PR
×


Similar Part No. - Y117212R7560D0W

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
Y1172A KEYSIGHT-Y1172A Datasheet
4Mb / 19P
   RF Switch Platform
More results

Similar Description - Y117212R7560D0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
Y16363K00000T9W VISHAY-Y16363K00000T9W Datasheet
433Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
Revision: 26-Mar-10
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com