Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1485V0077BT0R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y1485V0077BT0R
Description  High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1485V0077BT0R Datasheet(HTML) 1 Page - Vishay Siliconix

  Y1485V0077BT0R Datasheet HTML 1Page - Vishay Siliconix Y1485V0077BT0R Datasheet HTML 2Page - Vishay Siliconix Y1485V0077BT0R Datasheet HTML 3Page - Vishay Siliconix Y1485V0077BT0R Datasheet HTML 4Page - Vishay Siliconix Y1485V0077BT0R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSM
Vishay Foil Resistors
Document Number: 63088
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 05-Jun-07
1
High Precision Bulk Metal® Foil Surface Mount Voltage Divider,
TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 %
and Stability of ± 0.005 % (50 ppm)
Any value at any ratio available within resistance range
INTRODUCTION
Bulk Metal® Foil Technology out-performs all other resistor
technologies available today for applications that require High
Precision and High Stability.
This technology has been invented, patented and pioneered
by Vishay. Products based on this technology are the most
suitable for a wide range of appilcations.
BMF technology allows to produce customer oriented
products designed to satisfy challenging and specific
technical requirements. Model DSM offers Low TCR (both
absolute and tracking), Excellent Load Life Stability, Tight
tolerance, Excellent Ratio Stability, and Low Current Noise,
all in one package.
The DSM surface mount divider provides a matched pair of
Bulk Metal® Foil Resistors in a small epoxy molded package.
The electrical specification of this integrated construction
offers improved performance and better real estate utilization
over discrete resistors and matched pairs.
Our Application Engineering Department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
Temperature Coefficient of Resistance (TCR):
Absolute: ± 2 ppm/°C typical
(- 55 °C to + 125 °C, + 25 °C Ref.)
Tracking: 0.5 ppm/°C typical
• Tolerance: Absolute: ± 0.02 %; Match: 0.01 %
• Power Rating at 70 °C: Entire Package: 0.1 W
Each Resistor: 0.05 W
• Ratio Stability: 0.005 % (0.05 W at 70 °C, 2000 hours)
• Resistance Range: 100 Ω to 20 kΩ per resistor
• Large Variety of Resistance Ratios: 1:200
• Electrostatic Discharge (ESD) above 25 000 Volts
• Short Time Overload ≤ 0.005 %
• Non Inductive, Non Capacitive Design
• Rise Time: 1.0 ns without ringing
• Current Noise: < - 40 dB
• Voltage Coefficient: < 0.1 ppm/V
• Non Inductive: < 0.08 µH
• Non Hot Spot Design
• Terminals: silver coated copper alloy
• Any value available within resistance range (e.g. 1K2345)
• Prototype samples available from 48 hours. For more
information, please contact foil@vishay.com
For better performances, please see DSMZ datasheet
(Z-Foil)
APPLICATIONS
Instrumentation amplifiers
• Bridge networks
• Differential amplifiers
• Ratio arms in bridge circuits
• Medical and test equipment
• Military
Airborne etc.
* Pb containing terminations are not RoHS compliant, exemptions may apply
FIGURE 1 - SCHEMATIC
OPTION 1
SAME OHMIC VALUE,
SAME ABSOLUTE TOLERANCE
R1
OPTION 2
RESISTOR PAIR
R1/R2 - DIFFERENT VALUES
R2
Available
Pb-free
RoHS*
COMPLIANT
R1
R2
Vin
Vout
-
+
DSM
TABLE 1 - MODEL DSM SPECIFICATIONS
MODEL
ABSOLUTE TCR
(- 55 °C TO + 125 °C, + 25 °C REF.)
TYPICAL + MAX. SPREAD
RESISTANCE
RATIO
TCR TRACKING
TOLERANCE
ABSOLUTE
MATCH
DSM
± 2 ppm/°C ± 3 ppm/°C
R1/R2 = 1
1.0 ppm/°C
± 0.02 %
0.01 %
1 < R1/R2
≤ 10
2.0 ppm/°C
± 0.05 %
0.02 %
10 < R1/R2
≤ 200
3.0 ppm/°C
± 0.1 %
0.05 %


Similar Part No. - Y1485V0077BT0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y14870R01000B9W VISHAY-Y14870R01000B9W Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
Y14870R05000B9W VISHAY-Y14870R05000B9W Datasheet
2Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
Revision: 3-May-11
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
1Mb / 8P
   Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
Revision: 3-May-11
Y14870R12400B0R VISHAY-Y14870R12400B0R Datasheet
2Mb / 7P
   Vishay Foil Resistors
Revision: 3-May-11
Y14870R12400B0W VISHAY-Y14870R12400B0W Datasheet
2Mb / 7P
   Vishay Foil Resistors
Revision: 3-May-11
More results

Similar Description - Y1485V0077BT0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com