Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCL4448 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MCL4448
Description  Small Signal Fast Switching Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL4448 Datasheet(HTML) 4 Page - Vishay Siliconix

  MCL4448 Datasheet HTML 1Page - Vishay Siliconix MCL4448 Datasheet HTML 2Page - Vishay Siliconix MCL4448 Datasheet HTML 3Page - Vishay Siliconix MCL4448 Datasheet HTML 4Page - Vishay Siliconix MCL4448 Datasheet HTML 5Page - Vishay Siliconix MCL4448 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 85566
Rev. 1.9, 07-Mar-06
MCL4148 / MCL4448
Vishay Semiconductors
Package Dimensions in mm (Inches)
ISO Method E
9612072
2.8 (0.110)
0.9 (0.035)
0.9 (0.035)
Reflow Soldering
Wave Soldering
1.0 (0.039)
Cathode indification
1 (0.039) surface plan
2.0 (0.079)
1.8 (0.071)
0.25 (0.010)
0.15 (0.006)
Glass case
MicroMELF
> R 2.5 (R 0.098)
Glass
Document No.: 6.560-5007.01-4
Rev. 11, 07.Feb.2005
2.4 (0.094)
0.8 (0.031)
0.8 (0.031)
0.8 (0.031)


Similar Part No. - MCL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4448 VISHAY-MCL4448 Datasheet
59Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Luguang Electr...
MCL4448 LUGUANG-MCL4448 Datasheet
383Kb / 3P
   Small Signal Fast Switching Diode
logo
Diotec Semiconductor
MCL4448 DIOTEC-MCL4448 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
logo
Micro Commercial Compon...
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
logo
Formosa MS
MCL4448 FORMOSA-MCL4448 Datasheet
70Kb / 2P
   Switching Diode - Silicon epitaxial planar type
More results

Similar Description - MCL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.1, 01-Sep-10
1N4150 VISHAY-1N4150_07 Datasheet
113Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.7, 16-Feb-07
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.3, 29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
   Small Signal Fast Switching Diodes
Rev. 1.9, 01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.1, 06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
   Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
   Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
   Small Signal Fast Switching Diodes
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com