Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S103Z63Y5VS83K7. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S103Z63Y5VS83K7.
Description  Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S103Z63Y5VS83K7. Datasheet(HTML) 2 Page - Vishay Siliconix

  S103Z63Y5VS83K7. Datasheet HTML 1Page - Vishay Siliconix S103Z63Y5VS83K7. Datasheet HTML 2Page - Vishay Siliconix S103Z63Y5VS83K7. Datasheet HTML 3Page - Vishay Siliconix S103Z63Y5VS83K7. Datasheet HTML 4Page - Vishay Siliconix S103Z63Y5VS83K7. Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28518
79
Revision: 12-Dec-06
EMI/RFI Y2-DN
Vishay BCcomponents
Ceramic Disc Capacitors
Safety, Class X1/Y2 400/250 V (AC)
Series DN
Notes
1. Maximum thickness 6.0 mm
2. SH = seated height
3. Straight leads are available on request
Note
1. The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
ORDERING INFORMATION 250 V (AC)
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD
SPACING
F
(mm)
SH(2)
(mm)
CLEAR TEXT CODE
13th DIGIT:
T = REEL; U = AMMO; 3 = BULK(3)
16th DIGIT:
R = RoHS COMPLIANT
U2M
10
± 10
6.5
7.5
4.0
S100K25U2MS6.K7.
15
S150K25U2MS6.K7.
22
S220K25U2MS6.K7.
33
S330K25U2MS6.K7.
47
7.5
S470K29U2MS6.K7.
68
8.5
S680K33U2MS6.K7.
Y5P
100
± 10
8.5
7.5
4.0
S101K33Y5PS6.K7.
150
S151K33Y5PS6.K7.
220
S221K33Y5PS6.K7.
330
S331K33Y5PS6.K7.
470
S471K33Y5PS6.K7.
680
10.0
S681K39Y5PS6.K7.
1000
11.0
S102K43Y5PS6.K7.
Z5U
1000
± 20
8.5
7.5
4.0
S102M33Z5US6.K7.
1500
10.0
S152M39Z5US6.K7.
2200
11.0
S222M43Z5US6.K7.
3300
13.5
S332M53Z5US6.K7.
3900
S392M53Z5US6.K7.
4700
15.0
S472M59Z5US63K7.
6800
17.5
10
S682M69Z5US83K0.
10 000
21.5
S103M84Z5US83K0.
Y5U
1000
± 20
7.5
7.5
4.0
S102M29Y5US6.K7.
1500
8.5
S152M33Y5US6.K7.
2200
10.0
S222M39Y5US6.K7.
3300
12.0
S332M47Y5US6.K7.
3900
13.5
S392M53Y5US6.K7.
4700
S472M53Y5US6.K7.
Y5V
2200
- 20/+ 80
8.5
7.5
4.0
S222Z33Y5VS6.K7.
4700
12.0
S472Z47Y5VS6.K7.
10 000
16.0
S103Z63Y5VS83K7.
PACKAGING
Dmax
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
8.5 (0.33")
33
1000
1000
1000
10.0 (0.39")
39
11.0 (0.43")
43
12.0 (0.47")
47
13.5 (0.53")
53
500
15.0 (0.59")
59
--
17.5 (0.69")
69
19.0 (0.75")
75
21.5 (0.84")
84
250


Similar Part No. - S103Z63Y5VS83K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S103Z43Y5VN6.J5. VISHAY-S103Z43Y5VN6.J5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S103Z59Y5VP6.K7. VISHAY-S103Z59Y5VP6.K7. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S103Z63Y5VS83K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO VISHAY-WYO Datasheet
327Kb / 3P
   Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
Revision: 31-Jan-06
25Y VISHAY-25Y Datasheet
169Kb / 7P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC
01-Jan-2022
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
30LV VISHAY-30LV Datasheet
169Kb / 9P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
01-Jan-2022
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
   CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Dubilier
WD2Y DUBILIER-WD2Y Datasheet
167Kb / 1P
   SAFETY Y2 CLASS DISC
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com