Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1506100K500VM0R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y1506100K500VM0R
Description  Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1506100K500VM0R Datasheet(HTML) 1 Page - Vishay Siliconix

  Y1506100K500VM0R Datasheet HTML 1Page - Vishay Siliconix Y1506100K500VM0R Datasheet HTML 2Page - Vishay Siliconix Y1506100K500VM0R Datasheet HTML 3Page - Vishay Siliconix Y1506100K500VM0R Datasheet HTML 4Page - Vishay Siliconix Y1506100K500VM0R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63082
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 28-Aug-08
1
Military and Space Established Reliability (ER)
Vishay Foil Resistors
Z-Bulk Metal® Foil Technology
RNC90Z to MIL-PRF-55182/9
INTRODUCTION
The RNC90Y has been the benchmark for high precision
established reliability discrete resistors since 1982. In 2000,
Vishay achieved a technological breakthrough with the
introduction of the commercial ultra precision low TCR Z201
resistor. This breakthrough has now allowed Vishay to
introduce an established reliability “R” level very low TCR
resistor. The RNC90Z TCR limit of ± 2 ppm/°C over the
extended range of - 55 °C to + 175 °C is a significant
improvement over the existing RNC90Y specification.
The RNC90Z is a direct replacement for the RNC90Y.
FEATURES
• QPL product with established reliability (ER): meets
requirements of MIL-PRF-55182/9
• Temperature coefficient of resistance (TCR): ± 2 ppm/°C
max. (- 55 °C to + 175 °C)
• Load life stability: to 0.005 %, 0.3 W at + 125 °C for 2000 h
• Resistance tolerance: to ± 0.005 %
• Qualified resistance range: 30.1 Ω to 121 kΩ (for other
values please check Z555)
• Electrostatic discharge (ESD) above 25 000 V
• Non inductive, non capacitive design
• Current noise < - 42 dB
• Thermal EMF: < 0.1 µV/°C
• Fast thermal stabilization
• Rise time: 1 ns without ringing
• A radiation test has been performed in the past on Vishay’s
Foil Resistors
• Prototype samples available from 72 h
• “R” level high reliability resistor qualified to MIL-PRF-55182/9
FIGURE 1 - COMPARISON OF RNC90Y TO RNC90Z TEMPERATURE COEFFICIENT OF RESISTANCE
- 55
25
125
175
+ 300
+ 200
- 200
- 300
Temperature (
°C)
Specification
± 2 ppm/°C
+ 500
- 500
- 55
25
125
175
+ 400
0
- 400
+ 1000
- 1000
Temperature (
°C)
Specification
± 5 ppm/°C
± 10 ppm/°C
+ 1000
- 1000
+ 1000
+ 1000
- 1000
- 1000
Z
0
9
C
N
R
Y
0
9
C
N
R
0
+ 160
- 160
TABLE 1 - SPECIFICATIONS COMPARISON
SPECIFICATION
MIL-PRF-55182/9
CHARACTERISTIC Y LIMITS
QUALIFIED RNC90Y
MIL-PRF-55182/9
CHARACTERISTIC Z LIMITS
QUALIFIED RNC90Z
Temperature Coefficient of Resistance
± 5 ppm/°C (- 55 °C to + 125 °C)
± 10 ppm/°C (+ 125 °C to + 175 °C)
± 2 ppm/°C (- 55 °C to + 175 °C)
± 2 ppm/°C (+ 125 °C to + 175 °C)
Resistance Range
4.99
Ω to 121 kΩ
30.1
Ω to 121 kΩ
Failure Rate
Level R
Level R
Load-Life Stability 0.3 W at + 125 °C
at 2000 h
at 10 000 h
± 0.05 % maximum
ΔR
± 0.5 % maximum
ΔR
± 0.05 % maximum
ΔR
± 0.5 % maximum
ΔR
Voltage Coefficient
0.0005 %/V
0.0005 %/V
Working Voltage
300 V maximum
300 V maximum


Similar Part No. - Y1506100K500VM0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1506100K500VM0R VISHAY-Y1506100K500VM0R Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
Y1506100K500VM0R VISHAY-Y1506100K500VM0R Datasheet
1Mb / 5P
   Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 30-Jul-12
More results

Similar Description - Y1506100K500VM0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
RNC90Y15K000BR VISHAY-RNC90Y15K000BR Datasheet
1Mb / 5P
   Bulk Metal Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 30-Jul-12
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
VHP4Z VISHAY-VHP4Z Datasheet
222Kb / 5P
   Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
Revision: 02-Mar-05
1242 VISHAY-1242 Datasheet
118Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, QPL Approved 1/4 Inch Square, Qualified to MIL-PRF-22097, Char. F, RJ26
Revision: 06-Nov-08
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
1260 VISHAY-1260_10 Datasheet
362Kb / 5P
   Bulk Metal® Foil Ultra High Technology Precision Trimming Potentiometers
Revision: 24-Mar-10
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
DSMZ VISHAY-DSMZ Datasheet
161Kb / 5P
   Ultra High Precision Bulk Metal® Z-Foil Surface Mount Voltage Divider
Revision: 06-Aug-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com