Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWE-3.3-15-Q12NB-C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # UWE-3.3-15-Q12NB-C
Description  Wide Input, Isolated Eighth-Brick DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWE-3.3-15-Q12NB-C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  UWE-3.3-15-Q12NB-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWE-3.3-15-Q12NB-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UWE Series
Wide Input, Isolated
Eighth-Brick DC/DC Converters
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MDC_UWE Series.A17 Page 1 of 20
With dimensions of only 0.9 by 2.3 by 0.38
inches, the UWE series open frame DC/DC convert-
ers deliver up to 75 Watts in an industry-standard
“eighth-brick” through-hole package. This format
can plug directly into quarter-brick pinouts. Several
standard fixed-output voltages from 3.3 Vdc to 24
Vdc assure compatibility in embedded equipment,
CPU cards and instrument subsystems. The extend-
ed 4-to-1 input power range (9-36V) is ideal for
battery-powered, telecom or portable applications.
Very high efficiency means no fans or temperature
deratings in many applications. An optional thermal
mounting baseplate extends operation into most
conceivable environments.
The synchronous rectifier design uses the
maximum available duty cycle for greatest ef-
ficiency and low power dissipation with no reverse
output conduction. Other features include low
on-resistance FET’s, planar magnetics and heavy-
copper PC boards. These deliver low output noise,
tight line/load regulation, stable no-load operation
and fast load step response. All units are precision
assembled in a highly automated facility with ISO-
traceable manufacturing quality standards.
Isolation of 1500 Volts assures safety and fully
differential (floating) operation for greatest applica-
tion flexibility. On-board Sense inputs compensate
for line drop errors at high output currents. Outputs
are trimmable within ±10% of nominal voltage. The
UWE series are functionally complete.
A wealth of protection features prevents damage
to both the converter and outside circuits. Inputs
are protected from undervoltage and outputs fea-
ture short circuit protection, overcurrent and excess
temperature shut down. Overloads automatically
recover using the “hiccup” technique upon fault
removal. The UWE is designed to meet all standard
safety and EMI/RFI certifications. All units meet
RoHS-6 (no lead) hazardous materials compliance.
FEATURES
„ Industry-standard through-hole eighth-brick
package with 0.9" x 2.3" x 0.38" outline
dimensions
„ Choice of two wide input ranges, 9-36 Vdc or
18-75 Vdc
„ Fixed output from 3.3 to 24 Volts DC up to 75
Watts
„ Synchronous rectification yields very high
efficiency and low power dissipation
„ Operating temperature range from -40 to
+85˚C with derating
„ Up to 1500 Volt DC isolation (basic insulation)
„ Outstanding thermal performance and derating
„ Extensive self-protection, overtemperature
and overload features with no output reverse
conduction
„ On/Off control,trim and remote sense functions
„ Meets UL/EN/IEC 60950-1, CAN/CSA-C22.2
No. 60950-1 safety approvals and FCC RFI/
EMI certification
„ Pre-bias operation for startup protection
PRODUCT OVERVIEW
The UWE Series "Eighth-Brick" DC/DC Converters are high-current isolated
power modules designed for use in high-density system boards.
T
Typical unit
Simplified Block Diagram
+SENSE
+VOUT
−VOUT
−SENSE
TRIM
–VIN
+VIN
ON/OFF
CONTROL
SWITCH
DRIVE
Typical topology is shown.
REFERENCE
AMPLIFIER,
TRIM AND FEEDBACK
VOLTAGE
REGULATOR
SS
UV, OT
ISOLATION
PWM
 


Similar Part No. - UWE-3.3-15-Q12NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE-3.3/20-Q12 MURATA-PS-UWE-3.3/20-Q12 Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-3.3/20-Q12N-C MURATA-PS-UWE-3.3/20-Q12N-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-3.3/20-Q12NB-C MURATA-PS-UWE-3.3/20-Q12NB-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
UWE-3.3/20-Q12P-C MURATA-PS-UWE-3.3/20-Q12P-C Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
UWE-3.3/20-Q12P-C MURATA-PS-UWE-3.3/20-Q12P-C Datasheet
3Mb / 24P
   Wide Input, Isolated Eighth-Brick DC-DC Converters
2023
More results

Similar Description - UWE-3.3-15-Q12NB-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
LEN-D12 MURATA-LEN-D12 Datasheet
294Kb / 10P
   Non-Isolated 28A Eighth Brick DC/DC Converters
RBE-12 MURATA-RBE-12 Datasheet
808Kb / 15P
   Eighth-Brick 240-Watt Isolated DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
   Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com