Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S222M43Z5US6.K7. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S222M43Z5US6.K7.
Description  Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S222M43Z5US6.K7. Datasheet(HTML) 1 Page - Vishay Siliconix

  S222M43Z5US6.K7. Datasheet HTML 1Page - Vishay Siliconix S222M43Z5US6.K7. Datasheet HTML 2Page - Vishay Siliconix S222M43Z5US6.K7. Datasheet HTML 3Page - Vishay Siliconix S222M43Z5US6.K7. Datasheet HTML 4Page - Vishay Siliconix S222M43Z5US6.K7. Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ceramic Disc Capacitors
Safety, Class X1/Y2 400/250 V (AC) Series DN
EMI/RFI Y2-DN
Vishay BCcomponents
Document Number: 28518
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 12-Dec-06
78
FEATURES
• Complying with “EN 132 400” and “IEC 60384-14,
2nd edition, including amendment 1.1995”
• High reliability
• Kinked (preferred) or straight leads
• Lead (Pb)-free available
APPLICATIONS
• Across-the-line
• Line by-pass
• Antenna coupling
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm or 0.8 mm.
The capacitors may be supplied with kinked or straight leads
having a lead spacing of 7.5 mm (0.300") or 10 mm (0.400")
and a lead length from 4 to 30 mm. The standard tolerance
on capacitance is ± 10 % for U2M, Y5P material, ± 20 % for
Z5U, Y5U material and - 20/+ 80 % for Y5V. Encapsulation
is made of flammable resistant epoxy resin in accordance
with “UL94V-0”.
CAPACITANCE RANGE:
at 1 kHz, 1 V (RMS); 10 to 10 000 pF
RATED VOLTAGE UR:
(X1): 400 V (AC), 50 Hz (IEC 60384-14.2)
(Y2): 250 V (AC), 50 Hz (IEC 60384-14.2)
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test:
2500 V (AC), 50 Hz, 2 seconds
As repeated test admissible only once with:
2250 V (AC), 50 Hz, 2 seconds
Random sampling test (destructive test):
2500 V (AC), 50 Hz, 60 seconds
DIELECTRIC STRENGTH OF BODY INSULATION:
2500 V (AC), 50 Hz, 60 seconds (destructive test)
RoHS
COMPLIANT
e3
INSULATION RESISTANCE AT 500 V (DC):
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE:
± 10 %; ± 20 %; - 20/+ 80 %
DISSIPATION FACTOR:
at 1 kHz; 1 V (RMS); 2.5 % max
TEMPERATURE COEFFICIENTS:
U2M; Y5P; Z5U; Y5U; Y5V
APPROVALS:
ENEC, UL, CSA
CLIMATIC CATEGORY:
25/125/56 or 25/85/21
OPERATING TEMPERATURE RANGE:
- 30 to + 125 °C
MARKING
Marking indicates capacitance value and tolerance in
accordance with “EIA 198”, voltage and approval marks.
D
F
F
D
SH
tangent
line
Capacitors with 7.5 mm (0.30
")10 mm (0.40") lead spacing
The capacitors meet the essential requirements of “EIA 198”. Unless stated otherwise all electrical values apply at an ambient
temperature of 25 ± 3 °C, at normal atmospheric conditions.


Similar Part No. - S222M43Z5US6.K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222M43Z5UR63K7. VISHAY-S222M43Z5UR63K7. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S222M43Z5US6.K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WYO472MCMCRBKR VISHAY-WYO472MCMCRBKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMCRAKR VISHAY-WYO472MCMCRAKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO472MCMSDFKR VISHAY-WYO472MCMSDFKR Datasheet
134Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 250 VAC
Revision: 10-Apr-13
WYO VISHAY-WYO Datasheet
327Kb / 3P
   Ceramic AC Capacitors Class X1, 440 VAC/Class Y2, 250 VAC
Revision: 31-Jan-06
25Y VISHAY-25Y Datasheet
169Kb / 7P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC
01-Jan-2022
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
30LV VISHAY-30LV Datasheet
169Kb / 9P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
01-Jan-2022
logo
RFE international
5SB101KT252A67 RFE-5SB101KT252A67 Datasheet
71Kb / 1P
   CERAMIC CAPACITORS CLASS 5 Series: AC X1, Y1 & Y2 Capacitors
logo
Dubilier
WD2Y DUBILIER-WD2Y Datasheet
167Kb / 1P
   SAFETY Y2 CLASS DISC
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com