Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y0022100M250Q9L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y0022100M250Q9L
Description  Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0022100M250Q9L Datasheet(HTML) 2 Page - Vishay Siliconix

  Y0022100M250Q9L Datasheet HTML 1Page - Vishay Siliconix Y0022100M250Q9L Datasheet HTML 2Page - Vishay Siliconix Y0022100M250Q9L Datasheet HTML 3Page - Vishay Siliconix Y0022100M250Q9L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VSR Series
Vishay Foil Resistors Bulk Metal
® Foil Technology Industrial Precision Resistors
with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63009
2
Revision: 16-Jul-07
Note
1. 0.200 inches (5.08 mm) lead spacing available - specify VSRJ.
FIGURE 3 - IMPRINTING AND DIMENSIONS
LS
Model Number
VISHAY
XXXX
VSR4
ST
H
L
Date Code
W
Front View
Lead Material #22AWG
Round Solder Coated Copper
10
Week
07
Year
Rear View
Resistance
Value Code
Tolerance
100R01
0.01 %
LL
SW
TABLE 1 - MODEL SELECTION
MODEL
NUMBER
RESISTANCE
(
Ω)
POWER
at
+ 70 °C
POWER
at
+ 125 °C
MAXIMUM
WORKING
VOLTAGE
DIMENSIONS
LOAD LIFE
STABILITY
(MAXIMUM
ΔR)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF RESISTANCE
(+ 25 °C REF.)
TIGHTEST
TOLERANCE %
VS. LOWEST
RESISTANCE
VALUE (
Ω)
INCHES
mm
VSR
1 to 150K
0.3 W
0.2 W
300
W: 0.105 ± 0.010
L: 0.300 ± 0.010
H: 0.326 ± 0.010
ST: 0.010 Minimum
SW: 0.040 ± 0.005
LL: 1.000 ± 0.125
LS: 0.150 ± 0.0051)
2.67 ± 0.25
7.62 ± 0.25
8.28 ± 0.25
0.254 Minimum
1.02 ± 0.13
25.4 ± 3.18
3.81 ± 0.13
0.05 %
2000 hours
at + 125 °C
0 °C to + 60 °C
± 4 ppm/°C
- 55 °C to + 125 °C
± 8 ppm/°C
± 0.01/25
± 0.02/12
± 0.05/5
± 0.1/2
± 0.25/2
± 0.5/1
± 1/1
up to 100K
VSRJ1).
0.25 W
0.15 W
over 100K
VSR4
1 to 500K
0.5 W
0.4 W
350
W: 0.160 Maximum
L: 0.575 Maximum
H: 0.413 Maximum
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.400 ± 0.020
4.06 Maximum
14.61 Maximum
10.49 Maximum
0.89 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
10.16 ± 0.51
± 0.005/30
± 0.01/20
± 0.02/10
± 0.05/5
± 0.1/1
± 0.25/1
± 0.5/1
± 1/1
up to 200K
0.25 W
0.2 W
over 200K
VSR5
1 to 750K
0.75 W
0.6 W
350
W: 0.160 Maximum
L: 0.820 Maximum
H: 0.413 Maximum
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.650 ± 0.020
4.06 Maximum
20.83 Maximum
10.49 Maximum
0.89 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
16.51 ± 0.51
up to 300K
0.4 W
0.3 W
over 300K
VSR6
0.5 to 1M
1.0 W
0.8 W
500
W: 0.260 Maximum
L: 1.200 Maximum
H: 0.413 Maximum
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.900 ± 0.020
6.60 Maximum
30.48 Maximum
10.49 Maximum
0.89 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
22.86 ± 0.51
up to 400K
0.5 W
0.4 W
over 400K
FIGURE 4 - TEMPERATURE COEFFICIENT OF RESISTANCE
+ 400
+ 200
0
- 200
- 400
0
+ 25
- 140
Temperature, °C
+ 140
+ 100
- 100
ΔR
R
(ppm)
+ 60
+ 4 ppm/°C
- 4 ppm/°C


Similar Part No. - Y0022100M250Q9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y0023120K500A VISHAY-Y0023120K500A Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0023120K500B VISHAY-Y0023120K500B Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0023120K500C VISHAY-Y0023120K500C Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0023120K500D VISHAY-Y0023120K500D Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
Y0023120K500F VISHAY-Y0023120K500F Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
More results

Similar Description - Y0022100M250Q9L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VFP-3 VISHAY-VFP-3 Datasheet
123Kb / 5P
   Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Revision: 29-Aug-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
Revision: 07-Nov-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com