Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VY2101K29Y5SS6V5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VY2101K29Y5SS6V5
Description  Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY2101K29Y5SS6V5 Datasheet(HTML) 3 Page - Vishay Siliconix

  VY2101K29Y5SS6V5 Datasheet HTML 1Page - Vishay Siliconix VY2101K29Y5SS6V5 Datasheet HTML 2Page - Vishay Siliconix VY2101K29Y5SS6V5 Datasheet HTML 3Page - Vishay Siliconix VY2101K29Y5SS6V5 Datasheet HTML 4Page - Vishay Siliconix VY2101K29Y5SS6V5 Datasheet HTML 5Page - Vishay Siliconix VY2101K29Y5SS6V5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 28535
For technical questions contact: CDC@vishay.com
www.vishay.com
Revision: 12-Oct-07
85
EMI/RFI Y2-VY2
Ceramic Disc Capacitors
Safety Standard Approved Disc Capacitor
Vishay BCcomponents
Notes:
1. Straight leads are available on request.
2. 15th digit of the clear text code number to be completed with the packaging code.
3. Coating extension e valid for straight leads only.
4. On request available: ± 10 % tolerance for capacitance value 680 pF.
LEADSPACING 5.0 AND 7.5 mm
LEADSPACING 10.0 mm
Note:
1.
The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack.
ORDERING INFORMATION
C
(pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
Dmax
(mm)
BODY
THICK
Tmax
(mm)
LEAD
SPACING
F
(mm)
COATING
EXTENSION
emax (3)
(mm)
CLEAR TEXT CODE
15th DIGIT*:
T = REEL; U = AMMO;
3=BULK (2)
VY2 FOR LEADSPACING 10.0 mm
2600 VAC, 50 Hz, 2 SECONDS
10
± 10
U2J (N750)
7.5
5.0
10.0
3.0
VY2100K29U2JS6*V0
15
VY2150K29U2JS6*V0
22
VY2220K29U2JS6*V0
33
VY2330K29U2JS6*V0
47
VY2470K29U2JS6*V0
68
Y5S (2C3)
VY2680K29Y5SS6*V0
100
VY2101K29Y5SS6*V0
150
VY2151K29Y5SS6*V0
220
VY2221K29Y5SS6*V0
330
VY2331K29Y5SS6*V0
470
VY2471K29Y5SS6*V0
680
± 20
Y5U (2E3)
VY2681M29Y5US6*V0
1000
VY2102M29Y5US6*V0
1500
8.0
VY2152M31Y5US6*V0
2200
9.0
VY2222M35Y5US6*V0
3300
10.5
VY2332M41Y5US6*V0
3900
11.0
VY2392M43Y5US6*V0
4700
12.5
VY2472M49Y5US6*V0
6800
14.5
VY2682M59Y5US6*V0
0.01 µF
16.0
VY2103M63Y5US6*V0
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
Dmax
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 ~ 49
12.5
1000
1000
1000
6800 pF to 0.01 µF
59 ~ 63
16.0
500
-
-
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
Dmax
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 ~ 49
12.5
1000
500
750
6800 pF to 0.01 µF
59 ~ 63
16.0
500
500
750


Similar Part No. - VY2101K29Y5SS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2101K29Y5SS6V5 VISHAY-VY2101K29Y5SS6V5 Datasheet
152Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 13-Apr-10
VY2101K29Y5SS6V5 VISHAY-VY2101K29Y5SS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
VY2101K29Y5SS6V5 VISHAY-VY2101K29Y5SS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results

Similar Description - VY2101K29Y5SS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
List of Unclassifed Man...
POE-D10-00-E-13 ETC2-POE-D10-00-E-13 Datasheet
397Kb / 18P
   CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
logo
Suntan Capacitors
TS15 SUNTAN-TS15_17 Datasheet
177Kb / 1P
   CERAMIC DISC CAPACITOR
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
   CERAMIC DISC CAPACITOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com