Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC078ESAU103E4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EC078ESAU103E4
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EC078ESAU103E4 Datasheet(HTML) 2 Page - Vishay Siliconix

  EC078ESAU103E4 Datasheet HTML 1Page - Vishay Siliconix EC078ESAU103E4 Datasheet HTML 2Page - Vishay Siliconix EC078ESAU103E4 Datasheet HTML 3Page - Vishay Siliconix EC078ESAU103E4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series ECO
Vishay Sfernice
Precision Rotative Transducers,
Conductive Plastic, Economic Series (ECO)
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 54007
26
Revision: 07-Sep-07
PERFORMANCE
Life (106 Cycles)
30 (on ES models)
20 (on CS and CB models)
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/04
Speed Rotation (RPM)
600 (on ES models)
150 (on CS and CB models)
Sine Vibration on 3 Axes
1.5 mm or 20 g from 10 Hz to 2000 Hz
Mechanical Shocks on 3 Axes
50 g - 11 ms - half sine
DIMENSIONS in millimeters, general tolerance ± 0.5 mm
SIZE 05/09/13
SERVO MOUNT TYPE
50 ES
78 ES
78 CS
156 ES
156 CS
DIMENSIONS
DESIGNATION
SIZE 05
SIZE 09
SIZE 13
50 ES
78 ES
78 CS
156 ES
156 CS
Ø A
Ø housing
12.7
22.2
33.3
B
Length
13.0
13.5
18.0
Ø CØ pilot
9.525
19.05
30.16
Ø D max.
Ø groove
11.45
19.64
30.9
F
Flange thickness
1 ± 0.1
1.6 ± 0.1
G
Shoulder
1.2 ± 0.1
1.6 ± 0.1
H
Dia. of groove
1.2 ± 0.2
1.5 min.
I max.
Height of the turret
2.5
2.5
3.6
SIZE 05/09/13
BUSHING MOUNT TYPE
50 CB
78 CB
156 CB
DIMENSIONS
DESIGNATION
SIZE 05
SIZE 09
SIZE 13
50 CB
78 CB
156 CB
Ø A
Ø housing
12.7
22.2
33.3
B max.
Length
11
11.5
16
C max.
Height of the turret
2.5
2.5
3.6
12.7
Ø C
+ 0
- 0.025
Ø 3.175
- 0
- 0.013
GH
Ø D MAX.
B
X
X
0.05
X
0.05
F
0.4 x 45
I
± 0.8
Ø A
10.3 ± 0.13
1.6
22.2 MAX.
B MAX.
0.4 x 45
9.6 MAX.
1
Ø 9.52
x 0.79
Ø 5.1 MAX.
Ø A
C
Ø 3.175
- 0
- 0.013


Similar Part No. - EC078ESAU103E4

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC000001 PHOENIX-EC000001 Datasheet
94Kb / 7P
   Connection terminal block - AKG 4 BK-EX
09/11/2020
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M3
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M3,5
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M4
EC000005 PHOENIX-EC000005 Datasheet
51Kb / 3P
   Ring cable lug - C-RCI 1,5/M5
More results

Similar Description - EC078ESAU103E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECO VISHAY-ECO_V01 Datasheet
132Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)s
01-Jan-2022
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ECS VISHAY-ECS Datasheet
319Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
Revision: 24-May-07
ROT156SF VISHAY-ROT156SF Datasheet
398Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
Revision: 22-Mar-07
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
Revision: 22-Mar-07
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
01-Jan-2022
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
01-Jan-2022
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
Revision: 17-Sep-12
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mm
Revision: 26-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com