Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLU470 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # RLU470
Description  Ceramic Disc Capacitors, Class 1
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RLU470 Datasheet(HTML) 5 Page - Vishay Siliconix

  RLU470 Datasheet HTML 1Page - Vishay Siliconix RLU470 Datasheet HTML 2Page - Vishay Siliconix RLU470 Datasheet HTML 3Page - Vishay Siliconix RLU470 Datasheet HTML 4Page - Vishay Siliconix RLU470 Datasheet HTML 5Page - Vishay Siliconix RLU470 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.vishay.com
For technical questions, contact powcap@vishay.com
Document Number: 22113
24
Revision: 31-Jan-06
RL.
Vishay Draloric
Ceramic Disc Capacitors, Class 1
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC DISC CAPACITORS, 500 V (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 2200
5.6
C < 10 pF
± 0.25 pF
± 0.5 pF
C
≥ 10 pF
± 5 %
± 10 %
7.0 x 5.0
5.0
0.6
Yellow / Orange
color dots
or
Letter K
RLK956 AQ
S1R
6.2
7.0 x 5.0
RLK962 AQ
S1R
6.8
7.0 x 5.0
RLK968 AQ
S1R
7.5
7.0 x 5.0
RLK975 AQ
S1R
8.2
7.0 x 5.0
RLK982 AQ
S1R
9.1
7.0 x 5.0
RLK991 AQ
S1R
10
7.0 x 5.0
RLK100 AQ
S1R
11
7.0 x 5.0
RLK110 AQ
S1R
12
7.0 x 5.0
RLK120 AQ
S1R
13
7.0 x 5.0
RLK130 AQ
S1R
15
7.0 x 5.0
RLK150 AQ
S1R
16
7.0 x 5.0
RLK160 AQ
S1R
18
7.0 x 5.0
RLK180 AQ
S1R
20
7.0 x 5.0
RLK200 AQ
S1R
22
7.0 x 5.0
RLK220 AQ
S1R
24
7.0 x 5.0
RLK240 AQ
S1R
27
7.0 x 5.0
RLK270 AQ
S1R
30
7.0 x 5.0
RLK300 AQ
S1R
33
7.0 x 5.0
RLK330 AQ
S1R
36
7.0 x 5.0
RLK360 AQ
S1R
39
7.0 x 5.0
RLK390 AQ
S1R
43
7.0 x 5.0
RLK430 AQ
S1R
47
7.0 x 5.0
RLK470 AQ
S1R
51
7.0 x 5.0
RLK510 AQ
S1R
56
7.0 x 5.0
RLK560 AQ
S1R
62
10.0 x 5.0
RLK620 AQ
S1R
68
10.0 x 5.0
RLK680 AQ
S1R
75
10.0 x 5.0
RLK750 AQ
S1R
82
10.0 x 5.0
RLK820 AQ
S1R
91
10.0 x 5.0
RLK910 AQ
S1R
100
10.0 x 5.0
RLK101 AQ
S1R
110
10.0 x 5.0
RLK111 AQ
S1R
120
10.0 x 5.0
RLK121 AQ
S1R
130
14.0 x 5.0
7.5
RLK131 AQ
S1R
150
14.0 x 5.0
RLK151 AQ
S1R
160
14.0 x 5.0
RLK161 AQ
S1R
180
14.0 x 5.0
RLK181 AQ
S1R
CLASS 1
N 5600
36
± 5 %
± 10 %
7.0 x 5.0
5.0
0.6
Blue / Orange
color dots
or
Letter M
RLM360 AQ
S1R
39
7.0 x 5.0
RLM390 AQ
S1R
47
7.0 x 5.0
RLM470 AQ
S1R
56
7.0 x 5.0
RLM560 AQ
S1R
68
7.0 x 5.0
RLM680 AQ
S1R
82
7.0 x 5.0
RLM820 AQ
S1R
100
7.0 x 5.0
RLM101 AQ
S1R
120
7.0 x 5.0
RLM121 AQ
S1R
150
10.0 x 5.0
7.5
RLM151 AQ
S1R
180
10.0 x 5.0
RLM181 AQ
S1R
220
10.0 x 5.0
RLM221 AQ
S1R
270
10.0 x 5.0
RLM271 AQ
S1R
330
10.0 x 5.0
RLM331 AQ
S1R
ORDERING CODE
7th digit
Capacitance tolerance
± 0.25 pF = C
± 0.5 pF = D
± 5 % = J
± 10 % = K
10th / 11th / 12th digit
Lead configuration (See General Information)
R
14th digit
RoHS Compliant Component


Similar Part No. - RLU470

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLU4116E ROITHNER-RLU4116E Datasheet
827Kb / 4P
   Ultra Violet Radiation Source
More results

Similar Description - RLU470

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
logo
Cornell Dubilier Electr...
CEC010C CDE-CEC010C Datasheet
177Kb / 1P
   Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
RFE international
1SL101J500A54B RFE-1SL101J500A54B Datasheet
633Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 1 Series: Temperature Compensating
2022.07.08
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
D101G29C0GH63L2R VISHAY-D101G29C0GH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
logo
Illinois Capacitor, Inc...
101GHR102K ILLINOISCAPACITOR-101GHR102K Datasheet
352Kb / 1P
   85C Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com