Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSPS806R1002BUF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSPS806R1002BUF
Description  Molded, Commercial, Single In-Line Resistor Network (Standard)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSPS806R1002BUF Datasheet(HTML) 1 Page - Vishay Siliconix

  TSPS806R1002BUF Datasheet HTML 1Page - Vishay Siliconix TSPS806R1002BUF Datasheet HTML 2Page - Vishay Siliconix TSPS806R1002BUF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Molded, Commercial, Single In-Line
Resistor Network (Standard)
TSP
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60037
72
Revision: 05-Mar-08
Designed To Meet MIL-PRF-83401 Characteristic “V” and “H”
These resistor networks are available in 6, 8 and 10 pin
styles
in
both
standard
and
custom
circuits.
They
incorporate
VISHAY
Thin
Film’s
patented
Passivated
Nichrome film to give superior performance on temperature
coefficient of resistance, thermal stability, noise, voltage
coefficient, power handling and resistance stability. The
leads are attached to the metallized alumina substrates
by Thermo-Compression bonding. The body is molded
thermoset plastic with gold plated copper alloy leads. This
product
will
outperform
all
of
the
requirements
of
characteristic “V” and “H” of MIL-PRF-83401.
FEATURES
• Lead (Pb)-free available
• Rugged molded case 6, 8, 10 pins
• Thin Film element
• Excellent TCR characteristics (± 25 ppm/°C)
• Gold to gold terminations (no internal solder)
• Exceptional stability over time and temperature
(500 ppm at + 70 °C at 2000 h)
• Internally passivated elements
• Compatible with automatic insertion equipment
• Standard circuit designs
• Isolated/Bussed circuits
TYPICAL PERFORMANCE
SCHEMATIC
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
ABS
TRACKING
TCR
25
2
ABS
RATIO
TOL
0.1
0.05
12 3 4
N
Schematic 01
1234
N
Schematic 06
12 34
N
N-1
Schematic 03
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
Resistance Range
100
Ω to 200 kΩ
TCR:
Tracking
± 2 ppm/°C (typical less 1 ppm/°C equal values)
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C standard
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.05 % to ± 0.1 % to R1
+ 25 °C
Absolute
± 0.1 % to ± 1.0 %
+ 25 °C
Power Rating:
Resistor
100 mW per element typical at + 25 °C
Max. at + 70 °C
Package
0.5 W
Max. at + 70 °C
Stability:
ΔR Absolute
500 ppm
2000 h at + 70 °C
ΔR Ratio
150 ppm
2000 h at + 70 °C
Voltage Coefficient
< 0.1 ppm/V
Working Voltage
100 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 125 °C
Noise
< - 30 dB
Thermal EMF
< 0.08 µV/°C
Shelf Life Stability:
Absolute
< 100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - TSPS806R1002BUF

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSP TRACOPOWER-TSP Datasheet
853Kb / 9P
   Industrial Power Supplies TSP-Series
Rev. December 5, 2022
logo
Transko Electronics, In...
TSP TRANSKO-TSP Datasheet
295Kb / 1P
   PLASTIC MOLDED STANDARD SMD OSCILLATOR (14.0 x 9.8 x 4.7mm)
Rev.2: Mar. 2020
logo
SICK AG
TSP-1MAG10305MZ SICK-TSP-1MAG10305MZ Datasheet
299Kb / 4P
   TEMPERATURE SENSORS
TSP-1MAG10405MZ SICK-TSP-1MAG10405MZ Datasheet
299Kb / 4P
   TEMPERATURE SENSORS
TSP-1MAG10506MZ SICK-TSP-1MAG10506MZ Datasheet
299Kb / 4P
   TEMPERATURE SENSORS
More results

Similar Description - TSPS806R1002BUF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision 03-May-01
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision: 07-Nov-07
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
   Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
   Conformal, Single In-Line Resistor Networks (Standard)
Revision: 05-Mar-08
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com