Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y0019120M500S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y0019120M500S
Description  Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y0019120M500S Datasheet(HTML) 1 Page - Vishay Siliconix

  Y0019120M500S Datasheet HTML 1Page - Vishay Siliconix Y0019120M500S Datasheet HTML 2Page - Vishay Siliconix Y0019120M500S Datasheet HTML 3Page - Vishay Siliconix Y0019120M500S Datasheet HTML 4Page - Vishay Siliconix Y0019120M500S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63006
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 14-Nov-07
1
H Series
Vishay Foil Resistors
Hermetically Sealed High Precision Bulk Metal® Foil Technology
Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and
Load Life Stability of ± 0.005 %
Any value at any tolerance available within resistance range
INTRODUCTION
The H series resistors are oil-filled, hermetically sealed ultra
precision resistors.
The hermetic sealing eliminates the ingress of moisture and
oxygen, while the oil acts as a thermal conductor, thus
eliminating long term degradation elements of unsealed
resistors, while at the same time allowing the device to
accept short periods of overload without degradation.
Vishay’s Bulk Metal® Foil outperforms all other resistor
technologies available today for applications that require
precision and stability. When combined with the hermetic
sealing and oil filling, the H series resistors become one of
the most precise and stable resistors available.
With accuracies of 0.001 %, a resistance range from 5
Ω
to 1.84 M
Ω, and long term shelf life of less than 2 ppm,
these devices are virtually secondary standards that can be
carried in sets for daily or periodic calibration of factory
measurement equipment.
FEATURES
Temperature coefficient of resistance (TCR):
± 2 ppm/°C typical
(- 55 °C to + 125 °C, + 25 °C ref.)
• Power rating: 0.3 to 2.5 W at + 25 °C
(depending on model - see table 2)
• Tolerance: to ± 0.001 %
• Load life stability: ± 0.005 % (70 °C for 2000 h at half rated
power)
• Shelf life stability: ± 2 ppm for at least 10 years
• Resistance range: 5 Ω to 1.84 MΩ (higher or lower values
of resistance available)
• Electrostatic discharge (ESD) above 25 000 V
• Rise time: 1.0 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non inductive, non capacitive design
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Impervious to harmful environments - oil-filled
• Any value available within resistance range (e.g. 1K234)
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
• For better performances, please see H series (Z)
Note
Load life stability can be considerably improved through in-house
oriented tests
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
Pb-free
RoHS*
COMPLIANT
TABLE 1 - TOLERANCE AND TCR VERSUS
RESISTANCE VALUE
RESISTANCE
VALUE (
Ω)
TYPICAL TCR AND MAX. SPREAD
(- 55 °C to + 125 °C, + 25 °C ref.)
(ppm/°C)
80 to < 1M84
± 2 ± 2.5
50 to < 80
± 2 ± 3.5
5 to < 50
± 2 ± 4.5
FIGURE 1 - POWER DERATING CURVE
+ 100
+ 75
+ 50
+ 25
0
- 50
- 25
0
+ 25 + 50 + 75 + 100 + 125 + 150 + 175
- 55 °C
Ambient Temperature (°C)


Similar Part No. - Y0019120M500S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y0014150K000A0L VISHAY-Y0014150K000A0L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A19L VISHAY-Y0014150K000A19L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A1L VISHAY-Y0014150K000A1L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A29L VISHAY-Y0014150K000A29L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
Y0014150K000A2L VISHAY-Y0014150K000A2L Datasheet
94Kb / 4P
   Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Revision: 05-Jun-07
More results

Similar Description - Y0019120M500S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VHP100 VISHAY-VHP100 Datasheet
96Kb / 4P
   Ultra-High Precision Hermetically Sealed Bulk Metal® Foil Technology Resistor with Zero TCR and 0.005 % Tolerance
Revision: 18-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com