Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTF444BX Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VTF444BX
Description  Conformal, Single In-Line Resistor Networks (Standard)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTF444BX Datasheet(HTML) 6 Page - Vishay Siliconix

  VTF444BX Datasheet HTML 1Page - Vishay Siliconix VTF444BX Datasheet HTML 2Page - Vishay Siliconix VTF444BX Datasheet HTML 3Page - Vishay Siliconix VTF444BX Datasheet HTML 4Page - Vishay Siliconix VTF444BX Datasheet HTML 5Page - Vishay Siliconix VTF444BX Datasheet HTML 6Page - Vishay Siliconix VTF444BX Datasheet HTML 7Page - Vishay Siliconix VTF444BX Datasheet HTML 8Page - Vishay Siliconix VTF444BX Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VTF (Standard)
Conformal, Single In-Line Resistor Networks (Standard)
Vishay Thin Film
Document Number: 60038
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 05-Mar-08
79
EIGHT EQUAL RESISTORS ONE COMMON
Lead (Pb)-free option add “S” after part number, e.g: VTF368SBX
EIGHT RESISTOR NETWORK
(Designed for Instrument Amplifier with Shield Driver)
Lead (Pb)-free option add “S” after part number, e.g: VTF272SBX
EIGHT BIT R/2R LADDER NETWORK
Lead (Pb)-free option add “S” after part number, e.g: VTF1072SBX
RESISTANCE DOUBLER
Lead (Pb)-free option add “S” after part number, e.g: VTF1011SBX
Absolute Tolerance = ± 0.1 %
Ratio Tolerance = ± 0.1 %
TCR Tracking = ± 3 ppm/°C
L = Total Length = 1.02" (25.91 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
Actual Size
L = Total Length = 0.920" (23.37 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
8
9
7
6
5
4
3
2
1
R1
R2
R3
R4
R5
R6
R7
R8
R1 = R2 = R3 = R4 = R5 = R6 = R7 = R8 = 10K, 100K
ORDERING INFORMATION
R1 = 10K:
VTF368BX
100K:
VTF369BX
Actual Size
8
9
10K
7
1K
6
9K
5
1K
4
1K
3
9K
2
1K
1
10K
REF.
L = Total Length = 0.920" (23.37 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
ORDERING INFORMATION
VTF272BX
R = 10K, 1K
Actual Size
8
910
7
6
5
4
3
2
1
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
2R
L = Total Length =1.020" (25.91 mm) Max.
H = Seated Height = 0.280" (7.11 mm) Max.
ORDERING INFORMATION
(± 1/2 LSB)
R = 1K:
VTF1072BX
R = 10K:
VTF267BX
R1 = 1K
Actual Size
8
910
128K
256K
7
64K
6
32K
5
16K
4
8K
3
4K
2
2K
1
1K
R8
R9
R7
R6
R5
R4
R3
R2
R1
ORDERING INFORMATION
VTF1011BX


Similar Part No. - VTF444BX

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTF48SZ ETA-USA-VTF48SZ Datasheet
477Kb / 3P
   300 WATT AC-DC CONVERTER
More results

Similar Description - VTF444BX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
   Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
Revision: 12-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com