Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD1-X007 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ILD1-X007
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1-X007 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button ILD1-X007 Datasheet HTML 2Page - Vishay Siliconix ILD1-X007 Datasheet HTML 3Page - Vishay Siliconix ILD1-X007 Datasheet HTML 4Page - Vishay Siliconix ILD1-X007 Datasheet HTML 5Page - Vishay Siliconix ILD1-X007 Datasheet HTML 6Page - Vishay Siliconix ILD1-X007 Datasheet HTML 7Page - Vishay Siliconix ILD1-X007 Datasheet HTML 8Page - Vishay Siliconix ILD1-X007 Datasheet HTML 9Page - Vishay Siliconix ILD1-X007 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83646
6
Rev. 1.5, 20-Dec-07
ILD1/ILD2/ILD5/ILQ1/ILQ2/ILQ5
Vishay Semiconductors
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Non-Saturated Switching Schematic
Fig. 2 - Non-Saturated Switching Timing
Fig. 3 - Saturated Switching Schematic
Fig. 4 - Saturated Switching Timing
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 6 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
iild1_01
V
O
V
CC = 5 V
R
L = 75 Ω
F = 10 kHz,
DF = 50 %
I
F = 10 mA
iild1_02
t
D
t
R
50 %
PHL
tPLH
t
S
t
F
t
I
F
V
O
iild1_03
VO
VCC = 5 V
RL
F = 10 KHz,
DF = 50 %
IF = 10 mA
iild1_04
I
F
t
R
V
O
t
D
t
S
t
F
t
PHL
t
PLH
V
TH = 1.5 V
iild1_05
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - Forward Current (mA)
T
A = - 55 °C
T
A = 100 °C
T
A = 25 °C
iild1_06
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR (SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V,IF = 10 mA
TA = 25 °C
CTRce(sat) VCE = 0.4 V


Similar Part No. - ILD1-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1-X007 VISHAY-ILD1-X007 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD1-X007 VISHAY-ILD1-X007 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD1-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com