Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD1-X007 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ILD1-X007
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD1-X007 Datasheet(HTML) 5 Page - Vishay Siliconix

  ILD1-X007 Datasheet HTML 1Page - Vishay Siliconix ILD1-X007 Datasheet HTML 2Page - Vishay Siliconix ILD1-X007 Datasheet HTML 3Page - Vishay Siliconix ILD1-X007 Datasheet HTML 4Page - Vishay Siliconix ILD1-X007 Datasheet HTML 5Page - Vishay Siliconix ILD1-X007 Datasheet HTML 6Page - Vishay Siliconix ILD1-X007 Datasheet HTML 7Page - Vishay Siliconix ILD1-X007 Datasheet HTML 8Page - Vishay Siliconix ILD1-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 83646
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 20-Dec-07
5
ILD1/ILD2/ILD5/ILQ1/ILQ2/ILQ5
Optocoupler, Phototransistor Output
(Dual, Quad Channel)
Vishay Semiconductors
SATURATED
Rise time
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tr
1.2
µs
ILQ1
tr
1.2
µs
ILD2
tr
2.0
µs
ILQ2
tr
2.0
µs
ILD5
tr
7.0
µs
ILQ5
tr
7.0
µs
Storage
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
ts
7.4
µs
ILQ1
ts
7.4
µs
ILD2
ts
5.4
µs
ILQ2
ts
5.4
µs
ILD5
ts
4.6
µs
ILQ5
ts
4.6
µs
Fall time
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tf
7.6
µs
ILQ1
tf
7.6
µs
ILD2
tf
13.5
µs
ILQ2
tf
13.5
µs
ILD5
tf
20
µs
ILQ5
tf
20
µs
Propagation H to L
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tPHL
1.6
µs
ILQ1
tPHL
1.6
µs
ILD2
tPHL
5.4
µs
ILQ2
tPHL
5.4
µs
ILD5
tPHL
2.6
µs
ILQ5
tPHL
2.6
µs
Propagation L to H
VCE = 0.4 V, RL = 1.0 kΩ, VCC = 5.0 V, VTH = 1.5 V
ILD1
tPLH
8.6
µs
ILQ1
tPLH
8.6
µs
ILD2
tPLH
7.4
µs
ILQ2
tPLH
7.4
µs
ILD5
tPLH
7.2
µs
ILQ5
tPLH
7.2
µs
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode rejection,
output high
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 0 mA
CMH
5000
V/µs
Common mode rejection,
output low
VCM = 50 VP-P, RL = 1.0 kΩ,
IF = 10 mA
CML
5000
V/µs
Common mode coupling ca-
pacitance
CCM
0.01
pF


Similar Part No. - ILD1-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1-X007 VISHAY-ILD1-X007 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD1-X007 VISHAY-ILD1-X007 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD1-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ621 VISHAY-ILQ621 Datasheet
240Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com