Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE3B222 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HE3B222
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HE3B222 Datasheet(HTML) 3 Page - Vishay Siliconix

  HE3B222 Datasheet HTML 1Page - Vishay Siliconix HE3B222 Datasheet HTML 2Page - Vishay Siliconix HE3B222 Datasheet HTML 3Page - Vishay Siliconix HE3B222 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HE3
Vishay
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
for - 55 °C to + 125 °C Operation
www.vishay.com
For technical questions, contact: wettants@vishay.com
Document Number: 42089
102
Revision: 30-Jun-08
PERFORMANCE CHARACTERISTICS OF HIGH ENERGY CAPACITORS
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Operating Temperature Range
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitor Tolerance
± 20 % ± 10 % at 120 Hz
ESR
Limits per Standard Ratings Table
DC Leakage Current (DCL max.)
At 25 °C the leakage current shall not exceed values listed in the Standard Rating table.
Reverse Voltage
No continuous reverse voltage permitted
Surge Voltage
The test shall be at 1000 cycles at 110 % of rated voltage at 85 °C. A cycle consists of a one
and one half (1.5) min charge and a four and one half (4.5) min discharge through 100
Ω
resistor.
Life Test at + 85 °C
1000 h at + 85 °C
ENVIRONMENTAL CHARACTERISTICS
ITEM
TEST and CONDITIONS
COMMENTS
Hermeticity
MIL-STD-202, Method 112
C/IIIa
The capacitor shall be hermetically sealed such that the case does not
leak electrolyte or vent any gas when exposed to a vacuum.
Moisture Resistance
MIL-STD-202, Method 106
Altitude
MIL-STD-202, Method 105 C,
Test Condition D
100 000 feet test
MECHANICAL PERFORMANCE CHARACTERISTICS
ITEM
TEST and CONDITIONS
COMMENTS
Thermal Shock
MIL-STD-202, Method 107 G
Shock
MIL-STD-202, Method 213 B
Test Condition G
11 ms, 50 g
Vibration - High
Frequency
MIL-STD-202, Method 204 D
Test Condition D
12 sweeps/axis, 20 g peak
Vibration - Random
MIL-STD-202, Method 214 A
Test condition I, Letter D
1.5 h/axis, 12 g
Resistance to solder
Heat
MIL-STD-202, Method 210 F
The capacitor must withstand solder dipping of the terminals at 260 °C
for 10 s. The capacitor must not be visibly damaged and the electrical
characteristics must not be affected.
Solderability
ANSI J-STD-002
Terminal Strength
MIL-STD-202, Method 211 A
The capacitor terminals must withstand a 5 pound pull test for 5 to 10 s.
The capacitor must not be visibly damaged and the electrical
characteristics must not be affected.
Part Markings
MIL-STD-202, Method 215 J
The capacitor shall be permanently and legibly marked on the
circumference of the case. The markings shall be resistant to solvents.
Weight (Mass)
See dimensions table, page 2


Similar Part No. - HE3B222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE3B-M2 ETC2-HE3B-M2 Datasheet
187Kb / 5P
   HE3B Series Pushbutton Assembly Enabling Switch
HE3B-M2P ETC2-HE3B-M2P Datasheet
187Kb / 5P
   HE3B Series Pushbutton Assembly Enabling Switch
More results

Similar Description - HE3B222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com