Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBU331 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HBU331
Description  Ceramic High Voltage Disc Capacitors, Class 1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HBU331 Datasheet(HTML) 3 Page - Vishay Siliconix

  HBU331 Datasheet HTML 1Page - Vishay Siliconix HBU331 Datasheet HTML 2Page - Vishay Siliconix HBU331 Datasheet HTML 3Page - Vishay Siliconix HBU331 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 22114
For technical questions, contact powcap@vishay.com
www.vishay.com
Revision: 31-Jan-2006
29
H.U
Ceramic Disc Capacitors, Class 2
Vishay Draloric
* Standard lead configuration, other lead spacing and diameter available on request.
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 4 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 750
10
± 10 %
7.0 x 4.3
10.0
0.6
1.4
U
HDU100 BD
KR
15
7.0 x 4.3
HDU150 BD
KR
22
7.0 x 4.3
HDU220 BD
KR
33
7.0 x 4.3
1.9
HDU330 BD
KR
47
9.5 x 4.3
HDU470 BD
KR
68
9.5 x 4.7
0.8
HDU680 BD
KR
82
11.0 x 4.7
HDU820 BD
KR
100
11.0 x 4.7
HDU101 BD
KR
150
13.0 x 4.7
HDU151 BD
KR
220
15.0 x 4.7
HDU221 BD
KR
330
17.0 x 4.7
HDU331 BD
KR
470
20.0 x 4.7
HDU471 BD
KR
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 5 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 750
22
± 10 %
7.0 x 4.8
12.5
0.6
2.2
U
HEU220 BE
KR
33
9.3 x 4.8
HEU330 BE
KR
47
9.3 x 4.8
HEU470 BE
KR
68
11.8 x 5.2
0.8
2.4
HEU680 BE
KR
82
11.8 x 5.2
HEU820 BE
KR
100
11.8 x 5.2
HEU101 BE
KR
150
14.4 x 5.2
HEU151 BE
KR
220
16.3 x 5.2
HEU221 BE
KR
330
19.5 x 5.2
HEU331 BE
KR
ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 6 KV (DC)
C
(pF)
TOL.
(%)
D x s
(mm)
F ± 1 *
(mm)
d ± 0.05 *
(mm)
V ± 0.5 *
(mm)
CERAMIC
CODE
ORDERING CODE
CLASS 1
N 750
10
± 10 %
7.0 x 4.8
12.5
0.6
2.2
U
HFU100 BF
KR
15
7.0 x 4.8
HFU150 BF
KR
22
7.0 x 4.8
HFU220 BF
KR
33
9.5 x 4.8
HFU330 BF
KR
47
9.5 x 4.8
HFU470 BF
KR
68
12.0 x 5.2
0.8
2.4
HFU680 BF
KR
82
12.0 x 5.2
HFU820 BF
KR
100
12.0 x 5.2
HFU101 BF
KR
150
15.0 x 5.2
HFU151 BF
KR
220
17.0 x 5.2
HFU221 BF
KR
330
20.0 x 5.2
HFU331 BF
KR
ORDERING CODE
7th digit
Capacitance Tolerance
± 10 % = K
10th to 12th digit
Lead Configuration (See General Information)
R
14th digit
RoHS Compliant Component


Similar Part No. - HBU331

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
HBU31 MPSIND-HBU31 Datasheet
235Kb / 2P
   30W Open Frame Type Medical Power Supplies For Health Care Applications
HBU31-102 MPSIND-HBU31-102 Datasheet
235Kb / 2P
   30W Open Frame Type Medical Power Supplies For Health Care Applications
HBU31-103 MPSIND-HBU31-103 Datasheet
235Kb / 2P
   30W Open Frame Type Medical Power Supplies For Health Care Applications
HBU31-104 MPSIND-HBU31-104 Datasheet
235Kb / 2P
   30W Open Frame Type Medical Power Supplies For Health Care Applications
HBU31-105 MPSIND-HBU31-105 Datasheet
235Kb / 2P
   30W Open Frame Type Medical Power Supplies For Health Care Applications
More results

Similar Description - HBU331

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
RLA910 VISHAY-RLA910 Datasheet
230Kb / 6P
   Ceramic Disc Capacitors, Class 1
Revision: 31-Jan-06
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
logo
Cornell Dubilier Electr...
CEC010C CDE-CEC010C Datasheet
177Kb / 1P
   Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
RFE international
1SL101J500A54B RFE-1SL101J500A54B Datasheet
633Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 1 Series: Temperature Compensating
2022.07.08
logo
List of Unclassifed Man...
XC-600140 ETC2-XC-600140 Datasheet
193Kb / 1P
   Class II Ceramic Disc Capacitors
logo
Vishay Siliconix
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com