Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE3C243 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HE3C243
Description  Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HE3C243 Datasheet(HTML) 2 Page - Vishay Siliconix

  HE3C243 Datasheet HTML 1Page - Vishay Siliconix HE3C243 Datasheet HTML 2Page - Vishay Siliconix HE3C243 Datasheet HTML 3Page - Vishay Siliconix HE3C243 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HE3
Wet Tantalum Capacitors
Tantalum-Case with Glass-to-Tantalum Hermetic Seal
for - 55 °C to + 125 °C Operation
Vishay
Document Number: 42089
For technical questions, contact: wettants@vishay.com
www.vishay.com
Revision: 30-Jun-08
101
Notes
* (1) Standard capacitance tolerance is 20 % or “M“. Contact Marketing for availability of 10 % or “K“.
(2) Standard termination is “B“ or tin/lead. RoHS compliant or 100 % tin is available as “A“.
(3) Standard reliability is “Z“ or non-established reliability.
(4) Standard temperature range is “S“ or - 55 °C to + 125 °C.
(5) Standard ESR is “S“.
** In bold and italic: Preliminary rating and electrical values. Contact Marketing for availability.
DIMENSIONS in inches [millimeters]
CASE CODE
DHEIGHT
L2
(Min.)
L1
(Min.)
T
WEIGHT
(g)
(Typical)
TYPE HE3
A
1.400 ± 0.005
0.350 ± 0.015
0.500
0.500
0.40 ± 0.015
48.0
B
1.400 ± 0.005
0.488 ± 0.015
0.500
0.500
0.40 ± 0.015
73.0
C
1.400 ± 0.005
[35.56 ± 0.127]
0.615 ± 0.015
[15.6 ± 0.4]
0.500
[12.70]
0.500
[12.70]
0.40 ± 0.015
[10.2 ± 0.38]
95.0
STANDARD RATINGS
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER*
MAX. ESR
AT + 25 °C, 1 kHz (
Ω)
MAX. DCL
AT + 25 °C
25 WVDC AT + 85 °C ... 15 WVDC AT + 125 °C
18 000
A
HE3A183(1)025(2)(3)(4)(5)
0.060
150 µA
24 000**
A
HE3A243(1)025(2)(3)(4)(5)
0.060
150 µA
36 000**
B
HE3B363(1)025(2)(3)(4)(5)
0.045
200 µA
48 000**
B
HE3B483(1)025(2)(3)(4)(5)
0.045
200 µA
54 000
C
HE3C543(1)025(2)(3)(4)(5)
0.035
300 µA
72 000
C
HE3C723(1)025(2)(3)(4)(5)
0.035
350 µA
50 WVDC AT + 85 °C ... 30 WVDC AT + 125 °C
8000
A
HE3A802(1)050(2)(3)(4)(5)
0.060
170 µA
16 000
B
HE3B163(1)050(2)(3)(4)(5)
0.045
270 µA
24 000
C
HE3C243(1)050(2)(3)(4)(5)
0.035
400 µA
63 WVDC AT + 85 °C ... 40 WVDC AT + 125 °C
4000
A
HE3A402(1)063(2)(3)(4)(5)
0.060
170 µA
8000
B
HE3B802(1)063(2)(3)(4)(5)
0.045
270 µA
12 000
C
HE3C123(1)063(2)(3)(4)(5)
0.035
400 µA
80 WVDC AT + 85 °C ... 50 WVDC AT + 125 °C
2800**
A
HE3A282(1)080(2)(3)(4)(5)
0.075
300 µA
5500**
B
HE3B552(1)080(2)(3)(4)(5)
0.060
400 µA
8200
C
HE3C822(1)080(2)(3)(4)(5)
0.040
500 µA
100 WVDC AT + 85 °C ... 65 WVDC AT + 125 °C
1900**
A
HE3A192(1)100(2)(3)(4)(5)
0.075
300 µA
3800**
B
HE3B382(1)100(2)(3)(4)(5)
0.060
400 µA
5700**
C
HE3C572(1)100(2)(3)(4)(5)
0.050
500 µA
125 WVDC AT + 85 °C ... 85 WVDC AT + 125 °C
1100**
A
HE3A112(1)125(2)(3)(4)(5)
0.100
300 µA
2200**
B
HE3B222(1)125(2)(3)(4)(5)
0.085
400 µA
3300**
C
HE3C332(1)125(2)(3)(4)(5)
0.075
500 µA
D
Positive Lead
L2
H
L1
T
0.0253 ± 0.002 [0.64 ± 0.05] Dia.
(No. 22 AWG) Tinned Nickel leads
solderable and weldable
Negative Lead
(attached to case)
0.156 MAX.


Similar Part No. - HE3C243

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HE3C543K025AZSS VISHAY-HE3C543K025AZSS Datasheet
115Kb / 6P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
HE3C543K025BZSS VISHAY-HE3C543K025BZSS Datasheet
115Kb / 6P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
HE3C543M025AZSS VISHAY-HE3C543M025AZSS Datasheet
115Kb / 6P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
HE3C543M025BZSS VISHAY-HE3C543M025BZSS Datasheet
115Kb / 6P
   Wet Tantalum Capacitors, High Energy, Ultra High Capacitance
More results

Similar Description - HE3C243

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D306X0006C2 VISHAY-135D306X0006C2 Datasheet
78Kb / 5P
   Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Revision 15-Jan-01
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com