Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROT156SF1EU502E1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ROT156SF1EU502E1
Description  Precision Rotative Transducers, Conductive Plastic, Servo Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ROT156SF1EU502E1 Datasheet(HTML) 1 Page - Vishay Siliconix

  ROT156SF1EU502E1 Datasheet HTML 1Page - Vishay Siliconix ROT156SF1EU502E1 Datasheet HTML 2Page - Vishay Siliconix ROT156SF1EU502E1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Rotative Transducers,
Conductive Plastic, Servo Mounting
Series ROT/SF
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 54004
46
Revision: 22-Mar-07
A complete range of servo mounting rotational transducers
for applications requiring long life accuracy and speed.
FEATURES
• Size 08 to 30
• Linearity ± 1 % down to ± 0.015 %
• Excellent repeatability
• Long life
• Essentially infinite resolution
• Up to 6 electrical functions with the same shaft
• On request custom design to meet your specifications
• Following MIL-R-39023 and NFC 93-255 requirements
RoHS
COMPLIANT
SIZE
08
09
11
13
15
18
20
30
MODEL
34 SF
78 SF
116 SF
156 SF
176 SF
134 SF
200 SF
300 SF
ELECTRICAL SPECIFICATIONS
Functions
Linear, on request specific law
Theoretical Electrical Angle (TEA)
TEA = actual electrical angle (AEA) - 2°
Independent Linearity (over TEA)
On Request Best Linearity Available
A
≤ ± 1 %
or
B
≤ ± 0.5 %
or
C
≤ ± 0.25 %
or
D
≤ ± 0.1 %
D
≤ ± 0.1 %
Down to E
≤ ± 0.05 % Down to F ≤ ± 0.025 % Down to ≤ ± 0.015 %
Actual Electrical Angle (AEA)
340° ± 3°
350° ± 2°
Ohmic Values (RT)1 kΩ - 2 kΩ - 5 kΩ - 10 kΩ - on request other values
Ohmic Value Tolerances at 20 °C
± 10 %; on request ± 5 %
Output Smoothness
≤ 0.025 %
On request
≤ 0.01 %
Maximum Power Rating at 70 °C
0.25 W
0.3 W
0.4 W
0.5 W
0.75 W
1.0 W
1.2 W
1.5 W
Wiper Current/Load Resistance
Recommended: a few µA - 1 mA max. continuous/minimum 103 × RT
Tap (Current or Voltage)
On Request with Angular Position to be Specified
U = Current
{ Position: ± 2°
/ T = Voltage
Position: ± 2°
{ Width:
≤ 4°
Repeatability
≤ 0.01 %
End Voltage
≤ 0.4 % for 470 Ω ≤ R
T ≤ 1000 Ω / ≤ 0.2 % for 1000 Ω ≤ RT ≤ 2200 Ω / ≤ 0.1 % RT > 2200 Ω
Insulation Resistance
≥ 1000 MΩ, 500 V
DC
Dielectric Strength
≥ 750 V
RMS, 50 Hz
≥ 1000 V
RMS, 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical Rotation
360° continuous; stops on request
Mounting/Shaft Guiding
Servo/ball bearings
Housing
Diallylphtalate; on request anodized aluminum
Termination
Turrets; on request flexible leads, cables...
Wiper
Precious metal multi-finger contact
Starting Torque (N.cm)
1 cup
0.2
0.25
each additional cup
0.15
Moment of Inertia (g. cm2)
0.3
0.4
0.6
0.8
2.2
2.8
3.5
10
Weight (g)
1 cup
11 ± 2
16 ± 2
20 ± 2
29 ± 2
49 ± 2
67 ± 3
79 ± 3
120 ± 10
each additional cup
5 ± 2
6 ± 2
7 ± 2
10 ± 2
16 ± 2
18 ± 3
21 ± 3
62 ± 10
PERFORMANCE
Life (Million of Cycles)
≥ 50
Temperature Range
- 55 °C to + 125 °C
Climatic Category
55/125/04
Maximum Rotation Speed (RPM)
600
Sine Vibration on 3 Axes
1.5 mm or 20 g from 10 Hz to 2000 Hz
Mechanical Shocks on 3 Axes
50 g - 11 ms - half sine


Similar Part No. - ROT156SF1EU502E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROT156SF1CT502E1 VISHAY-ROT156SF1CT502E1 Datasheet
303Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
01-Jan-2022
More results

Similar Description - ROT156SF1EU502E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ROTSF VISHAY-ROTSF Datasheet
303Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Servo Mounting
01-Jan-2022
ROT156BF VISHAY-ROT156BF Datasheet
338Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
Revision: 22-Mar-07
ROTBF VISHAY-ROTBF Datasheet
354Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Bushing Mounting
01-Jan-2022
ECO VISHAY-ECO Datasheet
566Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)
Revision: 07-Sep-07
ECS VISHAY-ECS_V01 Datasheet
136Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
26-Mar-15
ECS VISHAY-ECS Datasheet
319Kb / 3P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
Revision: 24-May-07
ECO VISHAY-ECO_V01 Datasheet
132Kb / 4P
   Precision Rotative Transducers, Conductive Plastic, Economic Series (ECO)s
01-Jan-2022
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 450 mm
Revision: 26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
   Precision Linear Transducers, Conductive Plastic, up to 300 mm
Revision: 17-Sep-12
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
   Precision Linear Transducers, Conductive Plastic, up to 3000 mm
Revision: 26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com