Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTA54 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VTA54
Description  Bulk Metal® Foil Technology Tubular Axial-Lead Resistors, Meets or Exceed MIL-R-39005 Requirements
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTA54 Datasheet(HTML) 1 Page - Vishay Siliconix

  VTA54 Datasheet HTML 1Page - Vishay Siliconix VTA54 Datasheet HTML 2Page - Vishay Siliconix VTA54 Datasheet HTML 3Page - Vishay Siliconix VTA54 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 63011
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 05-Jun-07
1
VTA52 through 56, VMTA55, VMTB60
Vishay Foil Resistors
Bulk Metal® Foil Technology Tubular Axial-Lead Resistors,
Meets or Exceed MIL-R-39005 Requirements
Any value and tolerance available within resistance range
This series of axial leaded resistors is made using the same
foil technology as the S102C. The difference is axial versus
radial leads. Axial leads have the advantage of readily
available auto insertion equipment while the radial leaded
devices
may
require
additional
tooling.
Also,
when
converting from metal film (RNC 55) to foil (VMTA 55) boards
may already be laid out for the axial leaded device. It is worth
noting that for new designs the S102C footprint is the
smallest in the industry (taking into account the need for lead
exit to board pad length allowance).
Our Application Engineering Department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
Temperature Coefficient of Resistance (TCR):
± 8 ppm/°C (- 55 °C to + 125 °C, + 25 °C Ref.)
± 4 ppm/°C (0 °C to + 60 °C)
• Tolerance: to ± 0.01 %
• Load Life Stability:
± 0.05 % at 25 °C, 2000 hours at Rated Power
± 0.0025 % at 25 °C, 2000 hours at Low Power
• Electrostatic Discharge (ESD) above 25 000 Volts
• Resistance Range: 5 Ω to 500 kΩ
• Power Rating: 0.2 W to 1.0 W at 70 °C
• Non-Inductive, Non-Capacitive Design
• Thermal EMF: 0.1 µV/°C maximum, 0.05 µV/°C typical
• Voltage Coefficient: < 0.1 ppm/V
• Terminal Finishes available: Lead (Pb)-free
Tin/Lead
• For better performances, please contact Application
Engineering
• Any value available within resistance range (e.g. 1K2345)
Prototype samples available from 48 hours. For more
information, please contact foil@vishay.com
Notes
1. For higher/lower resistance values, consult the Application Engineering Department
2. TCR options for values > 50
Ω
V4 = ± 4 ppm/°C (0 to + 60 °C); ± 8 ppm°C (- 55 °C to + 125 °C, + 25 °C Ref.)
V3 = ± 3 ppm/°C (0 to + 60 °C); ± 5 ppm/°C (- 55 °C to + 125 °C, + 25 °C Ref.)
V2 = ± 2 ppm/°C (0 to + 60 °C); ± 5 ppm/°C (- 55 °C to + 125 °C, + 25 °C Ref.)
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - TCR (for values under 50R)
VALUES
0 °C to + 60 °C
- 55 to + 125 °C,
+ 25 °C Ref.
25R - 50R
± 5 ppm/°C
± 8 ppm/°C
15R - 24R999
± 6 ppm/°C
± 10 ppm/°C
5R - 14R999
± 8 ppm/°C
± 12 ppm/°C
1R - 4R999
± 15 ppm/°C
± 20 ppm/°C
FIGURE 1 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
220
180
160
140
120
100
80
60
40
20
0
30
40
50
60
70
80
90
100
110
120
130
140
150
Ambient Temperature (°C)
Double Rated Power
+ 145 °C
Rated
Power
200
TABLE 2 - MODEL SELECTION
VISHAY
MODEL
MIL
STYLE
POWER
MAXIMUM
WORKING VOLTAGE
RESISTANCE
RANGE1) (
Ω)
TIGHTEST
TOLERANCE
TCR RANGE2)
at + 70 °C
at + 125 °C
VTA56
RBR56
0.25 W
0.125 W
300 V
5 to 24R9
25 to 150K
± 0.1 %
± 0.01 %
V4
V3, V2
VTA55
RBR55
0.3 W
0.15 W
300 V
5 to 24R9
25 to 150K
± 0.1 %
± 0.01 %
V4
V3, V2
VTA54
RBR54
0.5 W
0.25 W
300 V
5 to 24R9
25 to 300K
± 0.1 %
± 0.01 %
V4
V3, V2
VTA53
RBR53
0.66 W
0.33 W
300 V
5 to 24R9
25 to 300K
± 0.1 %
± 0.01 %
V4
V3, V2
VTA52
RBR52
1.0 W
0.5 W
300 V
5 to 24R9
25 to 500K
± 0.1 %
± 0.01 %
V4
V3, V2
VMTA55
RNC55
0.2 W
0.1 W
200 V
5 to 49R9
50 to 30K
± 0.1 %
± 0.01 %
V4
V3, V2
VMTB60
RNC60
0.25 W
0.125 W
250 V
5 to 49R9
50 to 60K
± 0.1 %
± 0.01 %
V4
V3, V2


Similar Part No. - VTA54

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTA-00A ETA-USA-VTA-00A Datasheet
268Kb / 2P
   25 WATT AC-DC CONVERTER
VTA-00B ETA-USA-VTA-00B Datasheet
339Kb / 3P
   25 WATT AC-DC CONVERTER
logo
Communications & Power ...
VTA-6193A4 CPI-VTA-6193A4 Datasheet
98Kb / 1P
   40W, 26.5-40.0 GHz Helix TWT
VTA-6193A41 CPI-VTA-6193A41 Datasheet
98Kb / 1P
   40W, 26.5-40.0 GHz Helix TWT
VTA-6193A4X CPI-VTA-6193A4X Datasheet
98Kb / 1P
   40W, 26.5-40.0 GHz Helix TWT
More results

Similar Description - VTA54

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHHERMETIC VISHAY-VHHERMETIC Datasheet
130Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 02-Mar-05
VHZ VISHAY-VHZ Datasheet
172Kb / 5P
   Bulk Metal® Foil Technology Hermetically Sealed Resistors, Aerospace
Revision 12-Dec-05
RNC90Z VISHAY-RNC90Z Datasheet
115Kb / 5P
   Z-Bulk Metal® Foil Technology RNC90Z to MIL-PRF-55182/9
Revision: 28-Aug-08
1240 VISHAY-1240 Datasheet
152Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 17-Jun-08
1260 VISHAY-1260 Datasheet
113Kb / 5P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 3/8 Inch Square, RJ24 Style, Designed to Meet or Exceed the Requirements of MIL-PRF-39035, Char. H
Revision: 29-Feb-08
RNC90Y VISHAY-RNC90Y Datasheet
303Kb / 5P
   Bulk Metal® Foil Technology RNC90Y and RNC90Z (Z-Foil) to MIL-PRF-55182/9
Revision: 03-Sep-08
1202 VISHAY-1202 Datasheet
137Kb / 6P
   Bulk Metal® Foil Technology Precision Trimming Potentiometers, 1 1/4 Inch Rectilinear, RJ12 Style, Designed to Meet or Exceed The Requirements of MIL-PRF-22097, Char. F
Revision: 13-Nov-07
VSM0805 VISHAY-VSM0805 Datasheet
66Kb / 2P
   Bulk Metal Foil Technology Discrete Surface Mount Chip Resistors
Revision 17-Aug-04
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
   Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
Revision 26-Jan-05
VSR144 VISHAY-VSR144 Datasheet
40Kb / 2P
   Bulk Metal® Foil Technology Industrial Grade Miniature Voltage Divider
Revision 05-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com