Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMKD714-100MBP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RMKD714-100MBP
Description  Hermetic, Dual-In-Line Packaged Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMKD714-100MBP Datasheet(HTML) 2 Page - Vishay Siliconix

  RMKD714-100MBP Datasheet HTML 1Page - Vishay Siliconix RMKD714-100MBP Datasheet HTML 2Page - Vishay Siliconix RMKD714-100MBP Datasheet HTML 3Page - Vishay Siliconix RMKD714-100MBP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RMKD (CNP)
Hermetic, Dual-In-Line Packaged Resistor Networks
Vishay Sfernice
Document Number: 60049
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 16-Oct-06
95
DIMENSIONS
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
CONFIGURATIONS
RMKD 408, RMKD 508, RMKD 714, RMKD 816, RMKD 914
Resistance range
500
Ω < R < 200 kΩ
TCR:
Tracking
± 1 ppm/°C typical/± 2 ppm/°C maximum
- 55 °C to + 125 °C
Absolute
± 5 ppm/°C typical
0 °C to + 70 °C
± 10 ppm/°C maximum
- 55 °C to + 125 °C
Tolerance:
Absolute
± 0.10 %
± 0.05 %
± 0.05 %
Ratio
± 0.05 %
± 0.02 %
± 0.01 %
Power rating:
Package
125 mW
250 mW
250 mW
250 mW
250 mW
at + 70 °C
Stability (
ΔR ratio)
< 300 ppm maximum
2000 h at + 70 °C at Pn
Working voltage
100 VCC on R
Operating temperature range
- 55 °C to + 125 °C
Storage temperature range
- 55 °C to + 155 °C
Noise
- 35 dB typical
MIL-STD-202, Model 308
Thermal EMF
< 0.1 µV/°C
RMKD 408 and RMKD 508
eA
A1
L
B
S
A
B1
e1
D
C
Index mark
E
DIMENSION
INCHES
MILLIMETERS
D
0.401
10.20 ± 0.10
B1
0.046
1.19
A1
0.035
0.89 ± 0.25
A0.086
2.20 ± 0.20
L
0.129 minimum
3.30 minimum
B0.018
0.46 ± 0.05
e1
0.100
2.54 ± 0.10
S
0.050
1.27 ± 0.50
E
0.290
7.37 ± 0.20
C
0.009
0.25 ± 0.05
eA
0.300
7.62 ± 0.20
RMKD 714 and RMKD 914
6
1
Index mark
K
L
M
A
B
C
D
E
G
F
H
J
27
DIMENSION
INCHES
MILLIMETERS
A
0.700
17.78 ± 0.20
B
0.046
1.19
C0.086
2.20 ± 0.20
D
0.035
0.89 ± 0.25
E
0.129
3.30
F0.018
0.46 ± 0.05
G
0.100
2.54 ± 0.10
H
0.600
15.24 ± 0.10
J
0.050
1.27 ± 0.50
K
0.290
7.37 ± 0.20
L
0.009
0.25 ± 0.05
M
0.300
7.62 ± 0.20


Similar Part No. - RMKD714-100MBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKD714 VISHAY-RMKD714 Datasheet
113Kb / 3P
   Hermetic, Dual-In-Line or TO Package Resistor Networks
Revision 27-Apr-01
More results

Similar Description - RMKD714-100MBP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKD VISHAY-RMKD Datasheet
113Kb / 3P
   Hermetic, Dual-In-Line or TO Package Resistor Networks
Revision 27-Apr-01
1442 VISHAY-1442 Datasheet
127Kb / 2P
   Bulk Metal Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 31-Jul-02
1442 VISHAY-1442_05 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
TDP VISHAY-TDP Datasheet
260Kb / 4P
   Molded, Dual-In-Line Resistor Networks
Revision: 16-May-07
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
   Thick Film, Dual-in-Line Resistor Networks
Revision: 21-Aug-06
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
   Dual-In-Line Thick Film Resistor Networks
logo
Vishay Siliconix
1461 VISHAY-1461 Datasheet
53Kb / 1P
   Bulk Metal Foil Technology Single-In-Line Hermetic Resistor Networks
Revision 31-Jul-02
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
   Hermetic Flat-Pak Resistor Networks
Revision: 05-Mar-08
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com