Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI15-050-Q48N-C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # UEI15-050-Q48N-C
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI15-050-Q48N-C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  UEI15-050-Q48N-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI15-050-Q48N-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UEI15W.B21 Page 2 of 13
Please refer to the part number structure for additional options and complete ordering part
numbers.
All specifications are typical at nominal line voltage and full load, +25 deg.C. unless otherwise
noted. See detailed specifications.
 Minimum output load for UEI15-033-Q12, UEI15-120-Q12 and UEI15-050-Q12 is 10% of
maximum current.
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE ➀
Root Models ➀
Output
Input
Efficiency
Package – C75
Vout
(V)
Iout
(A)
Power
(W)
R/N (mVp-p) ➁ Regulation (Max.)
Vin
Nom.
(V)
Range
(V)
Iin =
no
load
(mA)
Iin =
full
load
(A)
Typ.
Max.
Line
Load
Min.
Typ.
(inches)
(mm)
Case
Pinout
UEI15-033-Q12P-C
3.3
4.5 14.85
60
90
±0.05% ±0.1%
24
9-36
43
0.71 86.5% 89%
1.1×0.9×0.335 27.94×22.86×8.51
P22
UEI15-033-Q48N-C
3.3
5
16.5
60
90
±0.2%
±0.2%
48
18-75
24
0.4
86.5% 88.8%
UEI15-050-Q12P-C
5
3
15
70
125
±0.05% ±0.075%
24
9-36
41
0.72 86.3% 87.3%
UEI15-050-Q48N-C
5
3
15
60
95
±0.05% ±0.06%
48
18-75
28
0.36 84.3% 86.0%
UEI15-120-Q12P-C
12
1.3
15.6
110
150
±0.05% ±0.05%
24
9-36
15
0.77 82.3% 84.5%
UEI15-120-Q48N-C
12
1.3
15.6
85
120 ±0.075% ±0.05%
48
18-75
15
0.76 83.3% 85%
UEI15-150-Q12P-C
15
1.1
16.5
130
175
±0.05% ±0.05%
24
9-36
18
0.81 83.5% 85%
UEI15-150-Q48N-C
15
1.1
16.5
80
120
±0.05% ±0.05%
48
18-75
14
0.4
83.3% 85.3%
PART NUMBER STRUCTURE
Nominal Output Voltage
in Tenths of a Volt
Unipolar Wide Input
15-Watt Series
UEI15
-
Q12
-
-
033
P C
On/Off Control Polarity:
P = Positive
N = Negative
RoHS-6 Hazardous
Substance Compliance
Input Voltage Range
Q12 = 9-36V
Q48 = 18-75V
Note:
Some model number combinations
may not be available.
Contact Murata Power Solutions.


Similar Part No. - UEI15-050-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-050-Q48N-C MURATA-UEI15-050-Q48N-C Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15-050-Q48N-C MURATA-PS-UEI15-050-Q48N-C Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-050-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com