Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZX27C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TZX27C
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZX27C Datasheet(HTML) 4 Page - Vishay Siliconix

  TZX27C Datasheet HTML 1Page - Vishay Siliconix TZX27C Datasheet HTML 2Page - Vishay Siliconix TZX27C Datasheet HTML 3Page - Vishay Siliconix TZX27C Datasheet HTML 4Page - Vishay Siliconix TZX27C Datasheet HTML 5Page - Vishay Siliconix TZX27C Datasheet HTML 6Page - Vishay Siliconix TZX27C Datasheet HTML 7Page - Vishay Siliconix TZX27C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 85614
Rev. 2.1, 27-Mar-07
TZX-Series
Vishay Semiconductors
1) Additional measurement
NOTE: Additional measurement of voltage group TZM9V1 to TZX36, IR at 95 % VZmin ≤ 40 nA at Tj = 25 °C
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
TZX22
TZX22A
20.9
21.9
65
2
1
17
0.04
19.9
TZX22B
21.6
22.6
65
2
1
17
0.04
20.5
TZX22C
22.3
23.3
65
2
1
17
0.04
21.2
TZX24
TZX24A
22.9
24
70
2
1
19
0.04
21.8
TZX24B
23.6
24.7
70
2
1
19
0.04
22.4
TZX24C
24.3
25.5
70
2
1
19
0.04
23.1
TZX24X
22.61
23.77
70
2
1
19
0.04
21.5
TZX27
TZX27A
25.2
26.6
80
2
1
21
0.04
23.9
TZX27B
26.2
27.6
80
2
1
21
0.04
24.9
TZX27C
27.2
28.6
80
2
1
21
0.04
25.8
TZX27X
26.99
28.39
80
2
1
21
0.04
25.6
TZX30
TZX30A
28.2
29.6
100
2
1
23
0.04
26.8
TZX30B
29.2
30.6
100
2
1
23
0.04
27.7
TZX30C
30.2
31.6
100
2
1
23
0.04
28.7
TZX30X
29.02
30.51
100
2
1
23
0.04
27.6
TZX33
TZX33A
31.2
32.6
120
2
1
25
0.04
29.6
TZX33B
32.2
33.6
120
2
1
25
0.04
30.6
TZX33C
33.2
34.5
120
2
1
25
0.04
31.5
TZX36
TZX36A
34.2
35.7
140
2
1
27
0.04
32.5
TZX36B
35.3
36.8
140
2
1
27
0.04
33.5
TZX36C
36.4
38
140
2
1
27
0.04
34.6
TZX36X
35.36
37.19
140
2
1
27
0.04
33.6
Partnumber
group
Partnumber
Zener Voltage
Dynamic
Resistance
Test
Current
Reverse Leakage Current
VZ at IZ
rZ at IZ
IZ
IR
at VR
IR
1)
at VR
1)
V
V
Ω
mA
µA
V
µA
V
min
max
max
max
max
Figure 1. Thermal Resistance vs. Lead Length
95 9611
0
5
10
15
0
100
200
300
400
500
20
ll
I - Lead Length (mm)
T
L = constant
Figure 2. Total Power Dissipation vs. Ambient Temperature
0
120
160
0
100
300
400
500
600
T
amb - Ambient Temperature (°C)
200
95 9602
200
80
40


Similar Part No. - TZX27C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZX27C VISHAY-TZX27C Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
TZX27C VISHAY-TZX27C Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX27C-TAP VISHAY-TZX27C-TAP Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Similar Description - TZX27C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com