Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y168780M5000Q0L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y168780M5000Q0L
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y168780M5000Q0L Datasheet(HTML) 1 Page - Vishay Siliconix

  Y168780M5000Q0L Datasheet HTML 1Page - Vishay Siliconix Y168780M5000Q0L Datasheet HTML 2Page - Vishay Siliconix Y168780M5000Q0L Datasheet HTML 3Page - Vishay Siliconix Y168780M5000Q0L Datasheet HTML 4Page - Vishay Siliconix Y168780M5000Q0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63138
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 03-Nov-08
1
RS92N, RS92NA, AN
Vishay Foil Resistors
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.01 % and Load Life Stability
of ± 0.005 % CECC Qualified
INTRODUCTION
Bulk Metal® Foil (BMF) technology outperforms all other
resistor technologies available today for applications that
require high precision and high stability.
This technology has been pioneered and developed by
VISHAY, and products based on this technology are the
most suitable for a wide range of applications. BMF
technology allows us to produce customer orientated
products, designed to satisfy challenging and specific
technical requirements.
Models RS92N, RS92NA, and AN made from Vishay BMF
offers low TCR, excellent load life stability, tight tolerance,
fast response time, low current noise, low thermal EMF and
low voltage coefficient, all in one resistor.
The RS92N, RS92NA, and AN are virtually insensitive to
destabillizing factors. The resistor element is a solid alloy
that displays the desirable bulk properties of its parent
material, thus it is inherently stable and noise free.
Vishay’s Bulk Metal® RS92N, RS92NA, and AN resistors are
the modern generation of precision resistors. The standard
design of these resistors provides a unique combination of
characteristics found in no other single resistor.
Our Application Engineering Department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
± 2 ppm/°C typical (- 55 °C to + 155 °C, ref. + 20 °C)
• Rated power: to 0.25 W at + 125 °C
• Tolerance: ± 0.01 %
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
power
• Resistance range: 80.6 Ω to 120 kΩ (higher or lower
values of resistance are available)
• Electrostatic discharge up to 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns effectively no ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Low inductance: < 0.08 µH typical
• Non hot spot design
• Terminal finishes available: tin/lead alloy
• Matched sets are available per request
(TCR Tracking: to 0.5 ppm/°C)
For better TCR and PCR performances please review the
RNC90Z and Z555 datasheets
APPLICATIONS
• High precision amplifiers
• Down-hole (high temperature)
• High precision instrumentation
• Medical and test equipment
• Industrial
• Audio (high end stereo equipment)
• EB applications (electron beam scanning and recording
equipment, electron microscopes)
• Military, airborne
• Measurement instrumentation
TABLE 1 - TOLERANCE AND TCR VS.
RESISTANCE VALUE
(- 55 °C to + 155 °C, + 20 °C Ref.)
RESISTANCE
VALUE
(
Ω)
TOLERANCE
(%)
TYPICAL TCR AND
MAX. SPREAD
(ppm/°C)
80.6 to 120K
± 0.01
± 2 ± 3
TABLE 2 - MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
Mechanical Protection
Insulated case
Resistive Element
Nickel-chromium
Unit Weight
0.3 g
Temperature Limits
- 55 °C to + 155 °C
Climatic Category
55/155/56


Similar Part No. - Y168780M5000Q0L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
Y16 TAYCHIPST-Y16 Datasheet
3Mb / 3P
   ZENER DIODES
Y160 TAYCHIPST-Y160 Datasheet
3Mb / 3P
   ZENER DIODES
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Vishay Siliconix
Y161112K7560A0R VISHAY-Y161112K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y161112K7560A0W VISHAY-Y161112K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

Similar Description - Y168780M5000Q0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com