Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEI-15 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # UEI-15
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI-15 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button UEI-15 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. UEI-15 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UEI15W.B21 Page 9 of 13
Trim Equations
VO – 5
2050
12775
2050
5 – VO
5110 (Vo - 2.5)
VO – 12
5110
25000
5110
12 – VO
10000 (Vo-2.5)
UEI15-050-Q12, Q48
UEI15-120-Q12, Q48
VO – 3.3
2050
12775
RTDOWN (Ω) =
RTUP (Ω) =
RTUP (Ω) =
RTUP (Ω) =
RTUP (Ω) =
RTDOWN (Ω) =
RTDOWN (Ω) =
RTDOWN (Ω) =
2050
3.3 – VO
5110 (Vo - 2.5)
UEI15-033-Q12, Q48
VO – 15
5110
25000
5110
15 – VO
10000 (Vo-2.5)
UEI15-150-Q12, Q48
Trim Up
<Connect trim
resistor between
Trim and −VOUT>
Trim Down
<Connect trim
resistor between
Trim and +VOUT>
Where Vo = Desired output voltage. Adjustment accuracy is subject to resis-
tor tolerances and factory-adjusted output accuracy. Mount trim resistor close
to converter. Use short leads.
Remote On/Off Control
On the input side, a remote On/Off Control can be ordered with either polarity.
Positive: Standard models are enabled when the On/Off pin is left open or
is pulled high to +VIN with respect to –VIN. An internal bias current causes the
open pin to rise to +VIN. Some models will also turn on at lower intermediate
voltages (see Specifications). Positive-polarity devices are disabled when the
On/Off is grounded or brought to within a low voltage (see Specifications) with
respect to –VIN.
Negative: Optional negative-polarity devices are on (enabled) when the On/
Off is grounded or brought to within a low voltage (see Specifications) with
respect to –VIN. The device is off (disabled) when the On/Off is left open or is
pulled high to +15Vdc max. with respect to –VIN.
Dynamic control of the On/Off function should be able to sink appropriate
signal current when brought low and withstand appropriate voltage when
brought high. Be aware too that there is a finite time in milliseconds (see
Specifications) between the time of On/Off Control activation and stable,
regulated output. This time will vary slightly with output load type and current
and input conditions.
There are three CAUTIONs for the On/Off Control:
CAUTION: To retain full output circuit isolation, control the On/Off from the in-
put side ONLY. If you must control it from circuits in the output, use some form
of optoisolation to the On/Off Control. This latter condition is unlikely because
the device controlling the On/Off would have to remain powered on and not be
powered from the converter.
CAUTION: While it is possible to control the On/Off with external logic if you
carefully observe the voltage levels, the preferred circuit is either an open
drain/open collector transistor, a switch or a relay (which can thereupon be
controlled by logic). The On/Off prefers to be set at +VIN (open pin) for the
ON state, assuming positive logic.
CAUTION: Do not apply voltages to the On/Off pin when there is no input
power voltage. Otherwise the converter may be permanently damaged.
Figure 7 – Driving the On/Off Control Pin (suggested circuit)
ON/OFF CONTROL
CONTROL
+ Vcc
-INPUT
Soldering Guidelines
Murata Power Solutions recommends the specifications below when installing these
converters. These specifications vary depending on the solder type. Exceeding these
specifications may cause damage to the product. Be cautious when there is high atmo-
spheric humidity. We strongly recommend a mild pre-bake (100° C. for 30 minutes). Your
production environment may differ; therefore please thoroughly review these guidelines
with your process engineers.
Wave Solder Operations for through-hole mounted products (THMT)
For Sn/Ag/Cu based solders:
Maximum Preheat Temperature
115° C.
Maximum Pot Temperature
270° C.
Maximum Solder Dwell Time
7 seconds
For Sn/Pb based solders:
Maximum Preheat Temperature
105° C.
Maximum Pot Temperature
250° C.
Maximum Solder Dwell Time
6 seconds


Similar Part No. - UEI-15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI-15/3.3-Q12P-C MURATA-UEI-15/3.3-Q12P-C Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI-15/3.3-Q12P-C MURATA-PS-UEI-15/3.3-Q12P-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15/4-Q48N-C MURATA-UEI-15/4-Q48N-C Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI-15/4-Q48N-C MURATA-PS-UEI-15/4-Q48N-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
More results

Similar Description - UEI-15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_UEI-15W MURATA-MDC_UEI-15W Datasheet
331Kb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com