Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS01A402K0KB12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RS01A402K0KB12
Description  Fast Acting, Molded Styles Custom Designed For Your Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS01A402K0KB12 Datasheet(HTML) 1 Page - Vishay Siliconix

  RS01A402K0KB12 Datasheet HTML 1Page - Vishay Siliconix RS01A402K0KB12 Datasheet HTML 2Page - Vishay Siliconix RS01A402K0KB12 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fast Acting, Molded Styles
Custom Designed For Your Application
RS Style Wirewound Fuse Resistor
Vishay Dale
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30232
184
Revision: 02-Aug-07
FEATURES
• Low temperature coefficient (down to 30 ppm/°C)
• High temperature silicone molded package
(derated to 200 °C)
• Performs function of resistor and series fuse and provides
predictable fusing times
• Complete welded construction
• No flaming or distortion of unit under fusing conditions
• Ideal for Squib circuit applications and protection of
semi-conductor devices
• Negligible noise and voltage coefficient
Note:
(1) The Continuous Current Rating applies only to values equal to or less than the Crossover Value. The Continuous Power Rating applies only
to values equal to or higher than the Crossover Value.
Be aware that the inherent compromise involved between resistive and fusing functions sometimes makes certain exact combinations
unattainable. However, in nearly all cases, this does not prevent the production of a functional, reliable fuse resistor thoroughly capable of
meeting application requirements.
Available
TYPICAL ELECTRICAL SPECIFICATIONS
The following are offered as examples of reliable designs. Hundreds of possible combinations are available for meeting your requirements.
Contact factory by using email address in the footer of this page, for assistance. Higher wattages available.
GLOBAL
MODEL
HISTORICAL
MODEL
FUSING PARAMETERS
RESISTANCE
RANGE
Ω
± 5 %, ± 10 %
Available
1.0 W CONTINUOUS POWER (1)
FUSING
CURRENT
Amperes
TYPICAL
FUSING TIME
Milliseconds
CONTINUOUS
CURRENT
A
CROSSOVER
VALUE
Ω
RS01A...209
RS-1A-209
0.5
4
49 - 500
0.10
100.0
RS01A...118
RS-1A-118
1.0
9
6.8 - 185
0.25
16.0
RS01A...212
RS-1A-212
1.25
8
4.7 - 107
0.30
11.11
RS01A...213
RS-1A-213
1.5
15
3.5 - 68
0.35
8.16
RS01A...143
RS-1A-143
2.0
15
2.2 - 35
0.40
6.25
RS01A...214
RS-1A-214
2.5
23
1.7 - 23
0.45
4.94
RS01A...162
RS-1A-162
3.0
48
1.1 - 12
0.55
3.31
RS01A...208
RS-1A-208
4.0
47
0.72 - 6.44
0.75
1.78
RS01A...207
RS-1A-207
6.0
70
0.35 - 2.17
1.0
1.0
RS01A...215
RS-1A-215
8.0
48
0.29 - 1.61
1.25
0.64
RS01A...173
RS-1A-173
10.0
50
0.23 - 1.16
1.50
0.44
RS01A...216
RS-1A-216
15.0
35
0.19 - 0.82
1.75
0.33
RS01A...217
RS-1A-217
20.0
46
0.12 - 0.42
2.0
0.25
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RS01A402R0JS70209 (preferred part number format)
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
(See Typical Electrical
Specifications Global
Model column for
options)
R = Decimal
K = Thousand
15R00 = 15
Ω
10K00 = 10 k
Ω
J = ± 5.0 %
K = ± 10.0 %
E70 = Lead (Pb)-free, tape/reel
E12 = Lead (Pb)-free, bulk
(Dash Number)
(up to 3 digits)
From 1 - 999
as applicable
S70 = Tin/lead, tape/reel
B12 = Tin/lead, bulk
Historical Part Number example: RS-1A-209 402
Ω 5 % S70 (will continue to be accepted)
RS-1A-209
402
Ω
5 %
S70
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
If a MODEL listed in TYPICAL ELECTRICAL SPECIFICATIONS table does not meet your requirements, then please include the following
information. It will enable us to choose the best design for your application.
1. Operating wattage or current, ambient temperature and required resistance stability. (%
ΔR/1000 hours.)
2. Fusing wattage or current and maximum “blow” time. Also, minimum “blow” time, if applicable.
3. Nominal resistance and maximum allowable resistance tolerance, (5 % to 10 % preferred).
4. Maximum allowable physical size.
5. Voltage to be interrupted.
6. Frequency of power source, wave form and a brief description of your application.
S0
1
A
4
0
2
R0
J
S
7
0
R
2
0
9


Similar Part No. - RS01A402K0KB12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS01A402R0JS70209 VISHAY-RS01A402R0JS70209 Datasheet
79Kb / 3P
   Fast Acting, Molded Styles, Custom Designed For Your Application
01-Jan-2022
More results

Similar Description - RS01A402K0KB12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS VISHAY-RS Datasheet
79Kb / 3P
   Fast Acting, Molded Styles, Custom Designed For Your Application
01-Jan-2022
logo
PUI audio inc.
AR01532MS-SC15-WP-R PUIAUDIO-AR01532MS-SC15-WP-R Datasheet
755Kb / 6P
   Custom-molded poly cone designed for voice articulation
AR01232MS-SC12-WP-R PUIAUDIO-AR01232MS-SC12-WP-R Datasheet
698Kb / 6P
   Custom-molded poly cone designed for voice articulation
logo
Skyworks Solutions Inc.
SKY87604 SKYWORKS-SKY87604 Datasheet
233Kb / 2P
   Fast Acting Over-molded Fuse
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Golledge Electronics Lt...
OCXO GOLLEDGE-OCXO Datasheet
521Kb / 3P
   Specify your custom Golledge OCXO here
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
Golledge Electronics Lt...
TCXO GOLLEDGE-TCXO Datasheet
521Kb / 3P
   Specify your custom Golledge (VC)TCXO here
RTC GOLLEDGE-RTC Datasheet
529Kb / 3P
   Specify your custom Golledge RTC module here
logo
Sangdest Microelectroni...
FTB6F-15FP SMC-FTB6F-15FP Datasheet
155Kb / 4P
   Designed for Surface Mount Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com