Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCQ Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # UCQ
Description  Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UCQ Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  UCQ Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UCQ Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UCQ-3.3/20-D48 UCQ-3.3/30-D48 UCQ-5/20-D24
UCQ-5/20-D48 UCQ-12/8.3-D48
Input
Input voltage range
See ordering guide
Start-up threshold, Volts
35
35
17
35
35
Undervoltage
shutdown, V
34
34
16
34
34
Overvoltage shutdown
none
Reflected (back) ripple
current, mA pk-pk
10-30, model dependent.
Input Current
Full load conditions
See ordering guide.
Inrush transient, A2sec
0.05
Output short circuit, mA
50-200, model dependent
No load, mA
30-160, model dependent
Low line (Vin = min.),
Amps
2.04
3.05
6.04
3.02
3.04
Standby mode, mA
(Off, UV, OT shutdown)
1-10, model dependent
Internal input filter type
L-C
L-C
L-C
L-C
L-C
Reverse polarity
protection
See notes.
Remote On/Off Control
Positive logic
(P model suffix)
OFF = Ground pin to +0.8V
ON = Open or +3.5 to +13.5V max
Negative logic
(N model suffix)
OFF = Open or +3.5 to +13.5V
ON = Ground pin to +1V max
Current, mA
1
Output
Voltage output range
See ordering guide.
Voltage output accuracy
±1% of Vnom., (50% load)
Adjustment range,
% of Vnom.
−10 to + 10%
Temperature coefficient
±0.02% of Vout range per °C.
Minimum loading
No minimum loading.
Remote sense
compensation
+10%
Ripple/noise
(20 MHz bandwidth)
See ordering guide.
Line/Load regulation
See ordering guide.
Efficiency
See ordering guide.
Maximum capacitive
loading, µF low ESR
<0.02Ω max.,
resistive load
10,000
10,000
10,000
10,000
10,000
Specs are typical unless noted.
Performance Specifications and Ordering Guide ➀
Single Output UCQ Models
Low-Profile, Quarter Brick, 8.3-40 Amp
Isolated DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UCQ Models.B07 Page 5 of 16


Similar Part No. - UCQ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UCQ-1.2/30-D48N-C MURATA-UCQ-1.2/30-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-1.2/40-D24P-C MURATA-UCQ-1.2/40-D24P-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-1.5/25-D48N-C MURATA-UCQ-1.5/25-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-1.5/40-D48N-C MURATA-UCQ-1.5/40-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UCQ-1.8/30-D48N-C MURATA-UCQ-1.8/30-D48N-C Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
More results

Similar Description - UCQ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UCQ_SERIES MURATA-UCQ_SERIES Datasheet
449Kb / 7P
   Low-Profile, Quarter Brick, 8.3-40 Amp Isolated DC/DC Converters
UVQ_SERIES MURATA-UVQ_SERIES Datasheet
438Kb / 25P
   Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Power Solutions ...
HPQ-12 MURATA-PS-HPQ-12 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Manufacturing Co...
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com