Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSN2-T30-D12-C Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # LSN2-T30-D12-C
Description  DOSA-SIP, 30A POL DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN2-T30-D12-C Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button LSN2-T30-D12-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12-C Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
LSN2-T/30-D12 Series
DOSA-SIP, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSN2-T/30-D12 Series.B15 Page 11 of 17
Pre-Biased Startup
Newer systems with multiple power voltages have an additional problem
besides startup sequencing. Some sections have power already partially
applied (possibly because of earlier power sequencing) or have leakage power
present so that the DC/DC converter must power up into an existing voltage.
This power may either be stored in an external bypass capacitor or supplied by
an active source.
This “pre-biased” condition can also occur with some types of program-
mable logic or because of blocking diode leakage or small currents passed
through forward biased ESD diodes. Conventional DC/DCs may fail to start up
correctly if there is output voltage already present. And some external circuits
are adversely affected when the low side MOSFET in a synchronous rectifier
converter sinks current at start up.
The LSN2-T/30-D12 series includes a pre-bias startup mode to prevent
these initialization problems. Essentially, the converter acts as a simple buck
converter until the output reaches its set point voltage at which time it converts
to a synchronous rectifier design. This feature is variously called “monotonic”
because the voltage does not decay (from low side MOSFET shorting) or
produce a negative transient once the input power is applied and the startup
sequence begins.
Don’t Use Pre-Biasing and Sequencing Together
Normally, you would use startup sequencing on multiple DC/DCs to solve the
Pre-Bias problem. By causing all power sources to ramp up together, no one
source can dominate and force the others to fail to start. For most applications,
do not use startup sequencing in a Pre-Bias application, especially with an
external active power source.
If you have active source pre-biasing, leave the Sequence input open so
that the output will step up quickly and safely. A symptom of this condition is
repeated failed starts. You can further verify this by removing the existing load
and testing it with a separate passive resistive load which does not exceed full
current. If the resistive load starts successfully, you may be trying to drive an
external pre-biased active source.
It may also be possible to use pre-bias and sequencing together if the Pre-
Bias source is in fact only a small external bypass capacitor slowly charged by
leakage currents. Test your application to be sure.
Output Adjustments
The LSN2-T/30-D12 series includes a special output voltage trimming feature
which is fully compatible with competitive units. The output voltage may be
varied using a single trim resistor from the Trim input to Power Common.
As with other trim adjustments, be sure to use a precision low-tempco resis-
tor (±100ppm/°C.) mounted close to the converter with short leads. Also be
aware that the output voltage accuracy is ±1.5% (typical) therefore you may
need to vary this resistance slightly to achieve your desired output setting.
Use short leads. Mount the leads close to the converter.
Resistor Trim Equation
Where VO is the desired output voltage.
RTRIM (Ω) =
1200
− 100
VO − 0.80
Figure 14.Trim Connections
RTRIM
+VOUT
TRIM
COMMON
VTRIM
+VOUT
TRIM
COMMON
+


Similar Part No. - LSN2-T30-D12-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
More results

Similar Description - LSN2-T30-D12-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSM2-T30-D12 MURATA-LSM2-T30-D12 Datasheet
397Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T MURATA-LSM2-T Datasheet
1Mb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
logo
Murata Power Solutions ...
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX MURATA-PS-OKX Datasheet
518Kb / 15P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
logo
C&D Technologies
LSN2 CANDD-LSN2 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com