Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSN2-T30-D12G-C Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LSN2-T30-D12G-C
Description  DOSA-SIP, 30A POL DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN2-T30-D12G-C Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button LSN2-T30-D12G-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSN2-T30-D12G-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LSN2-T/30-D12 Series
DOSA-SIP, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSN2-T/30-D12 Series.B15 Page 7 of 17
following external factors:
1 – Low initial input line voltage and/or poor regulation of the input source.
2 – Full output load current on lower output voltage converters.
3 – Slow slew rate of input voltage.
4 – Longer distance to input voltage source and/or higher external input
source impedance.
5 – Limited or insufficient ground plane. External wiring that is too small.
6 – Too small external input capacitance. Too high ESR.
7 – High output capacitance causing a start up charge overcurrent surge.
8 – Output loads with excessive inductive reactance or constant current
characteristics.
If the input voltage is already at the low limit before power is applied, the
start up surge current may instantaneously reduce the voltage at the input
terminals to below the specified minimum voltage. Even if this voltage depres-
sion is very brief, this may interfere with the on-board controller and possibly
cause a failed start. Or the converter may start but the input current load will
now drive the input voltage below its running low limit and the converter will
shut down.
If you measure the input voltage before start up with a Digital Voltmeter (DVM),
the voltage may appear to be adequate. Limited external capacitance and/or
too high a source impedance may cause a short downward spike at power up,
causing an instantaneous voltage drop. Use an oscilloscope not a DVM to observe
this spike. The converter’s soft-start controller is sensitive to input voltage. What
matters here is the actual voltage at the input terminals at all times.
Symptoms of start-up difficulties may include failed started, output oscilla-
tion or brief start up then overcurrent shutdown. Since the input voltage is never
absolutely constant, the converter may start up at some times and not at others.
LSN2-T/30-D12 Power Sequencing
In older systems, one master switch simultaneously turned on the power for all
parts of an application. Many modern systems require multiple supply voltages
for different on-board sections. Typically the CPU or microcontroller needs
1.8 Volts or lower. Memory (particularly DDR) may use 1.8 to 2.5 Volts. Inter-
face “glue” and “chipset” logic might use +3.3Vdc power while Input/Output
subsystems may need +5V. Finally, peripherals use 5V and/or 12V.
Timing is Everything
This mix of system voltages is being distributed by several local power solu-
tions including Intermediate Bus Architecture (IBA) bus converters, Point-of-
load (POL) DC/DC converters and sometimes a linear regulator, all sourced from
a master AC power supply. While this mix of voltages is challenging enough,
a further difficulty is the start-up and shutdown timing relationship between
these power sources and relative voltage differences between them.
For many systems, the CPU and memory must be powered up, boot-strap
loaded and stabilized before the I/O section is turned on. This avoids uncom-
manded data bytes being transferred, compromising an already-running
external network or placing the I/O section in an undefined mode. Or it keeps
bad commands out of disk and peripheral controllers until they are ready to go
to work.
Another goal for staggered power-up is to avoid an oversize load applied to
the master source all at once. A more serious reason to manage the timing and
voltage differences is to avoid either a latchup condition in programmable logic
(a latchup might ignore commands or would respond improperly to them) or a
high current startup situation (which may damage on-board circuits). And on
the power down phase, inappropriate timing or voltages can cause interface
logic to send a wrong “epitaph” command (Figure 5).
Figure 5. Power Up/Down Sequencing Controller
Two Approaches
There are two ways to manage these timing and voltage differences. Either the
power up/down sequence can be controlled by discrete On/Off logic controls
for each power supply (see Figure 5). Or the power up/down cycle is set by
Sequencing or Tracking circuits. Some systems combine both methods.
BUS
CONVERTER
SEQUENCING
CONTROLLER
ENABLE
+VIN
+VIN
POL
A
“ALL ON”
POL
B
CPU
+48V
TO OTHER POLs
+5V
LOADS
+12Vdc
+3.3V
LOADS
ENABLE
TIME
Settling
Delay
POL A
ENABLE
STARTUP SEQUENCE:
OFF
OFF
ON
ON
POL B
Figure 6. Coincident or Simultaneous Phasing (Identical Slew Rates)
The first system (discrete On/Off controls) applies signals from an already-
powered logic sequencer or dedicated microcontroller which turns on each
downstream power section in cascaded series. This of course assumes all
POLs have On/Off controls. A distinct advantage of the sequencing controller
is that it can produce an “All On” output signal to state that the full system is


Similar Part No. - LSN2-T30-D12G-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
More results

Similar Description - LSN2-T30-D12G-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSM2-T30-D12 MURATA-LSM2-T30-D12 Datasheet
397Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T MURATA-LSM2-T Datasheet
1Mb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
logo
Murata Power Solutions ...
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX MURATA-PS-OKX Datasheet
518Kb / 15P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
logo
C&D Technologies
LSN2 CANDD-LSN2 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com