Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSM2-T30-D12-C Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # LSM2-T30-D12-C
Description  DOSA-SMT, 30A POL DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM2-T30-D12-C Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button LSM2-T30-D12-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM2-T30-D12-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LSM2-T/30-D12 Series
DOSA-SMT, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PERFORMANCE DATA: OUTPUT VOLTAGE = 5 VOLTS
MDC_LSM2_T30_D12 Series.B11 Page 6 of 12
58
63
68
73
78
83
88
93
98
1
2.66
4.31
5.97
7.62
9.28
10.9
12.6
14.2
15.9
17.6
19.2
20.9
22.5
24.2
Load Current (Amps)
VIN = 7 V
VIN = 12 V
VIN = 14 V
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
23.00
24.00
25.00
26.00
27.00
28.00
29.00
30.00
31.00
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Ambient Temperature (°C)
Natural Convection
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
Efficiency vs. Line Voltage and Load Current @ +25°C
LSM2-T/30-D12R Maximum Current Temperature Derating at Sea Level
(Vin= 12V, Transverse Airflow). Extra ground pads installed.
LSM2-T/30-D12 Maximum Current Temperature Derating at Sea Level
(Vin= 12V, Transverse Airflow). No extra ground pads.
11.00
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
23.00
24.00
25.00
26.00
27.00
28.00
29.00
30.00
31.00
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Ambient Temperature (°C)
Natural Convection
100 LFM
200 LFM
300 LFM
400 LFM
500 LFM
Output Ripple & Noise (Vin = 12 V, Iout = 20 A,
Cout = 10µF || 1µF, ’scope = 20 MHz BW)
Vertical = 20 mV/div., Sweep = 1µS/div.
Power-On Startup (Vin = 12 V, Iout = 25 A)
Ch2 = 20 A/div.
StepLoad Transient Response (Vin = 12 V, 0-15A-0)


Similar Part No. - LSM2-T30-D12-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM2-T30-D12 MURATA-LSM2-T30-D12 Datasheet
397Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
More results

Similar Description - LSM2-T30-D12-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM2-T30-D12 MURATA-LSM2-T30-D12 Datasheet
397Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSN2-T MURATA-LSN2-T Datasheet
1Mb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
OKI-T36W-W40 MURATA-OKI-T36W-W40 Datasheet
388Kb / 12P
   Selectable Output 36-Watt DOSA-SMT DC/DC Converters
logo
Murata Power Solutions ...
OKI-T3-W40 MURATA-PS-OKI-T3-W40 Datasheet
518Kb / 12P
   Adjustable Output 3-Amp DOSA-SMT DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10_1 Datasheet
651Kb / 17P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10_10 Datasheet
580Kb / 16P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10 Datasheet
169Kb / 3P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY MURATA-PS-OKY Datasheet
784Kb / 22P
   Adjustable Output 3 and 5-Amp DOSA-SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com