Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1210Y393 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VJ1210Y393
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1210Y393 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VJ1210Y393 Datasheet HTML 2Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 3Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 4Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 5Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 6Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 7Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 8Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 9Page - Vishay Siliconix VJ1210Y393 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VJ OMD - X7R
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
Vishay Vitramon
Document Number: 45046
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 28-Oct-08
103
OMD - CAPACITORS - TYPICAL PARAMETERS
IMPEDANCE VS. FREQUENCY
X7R 500/630 V
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
100
10
1
0.1
0.01
1 µF
0.1 µF
0.01 µF
IMPEDANCE VS. FREQUENCY
X7R 2000 V
FREQUENCY (MHz)
0.100
1000.000
1
10
100
1000
100.000
10.000
1.000
4.7 nF
2.2 nF
1 nF
VOLTAGE COEFFICIENT OF CAPACITANCE
X7R OMD - CAP
DC VOLTS APPLIED
10
0
- 10
0
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 90
100
200
300
400
500
600
700
100 V
Rated
200 V
Rated
VOLTAGE COEFFICIENT OF CAPACITANCE X7R
DC VOLTS APPLIED
0
500
1000
1500
2000
2500
10
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
1000/1500 V RATED
2000 V RATED
DC VOLTS APPLIED
10
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
VOLTAGE COEFFICIENT OF CAPACITANCE
X7R 500/630 V LOWER CAPACITANCE
0
100
200
300
400
500
600
700
Case Size
1206
1210
1808
1812
Range
100 pF to 4700 pF
390 pF to 10 000 pF
470 pF to 18 000 pF
1000 pF to 27 000 pF
DC VOLTS APPLIED
0
100
200
300
400
500
600
700
VOLTAGE COEFFICIENT OF CAPACITANCE
X7R OMD - CAP - 500/630 V HIGHER CAPACITANCE
10
0
- 10
- 20
- 30
- 40
- 50
- 60
- 70
- 80
- 90
Case Size
1206
1210
1812
Range
5600 pF to 18 000 pF
12 000 pF to 39 000 pF
33 000 pF to 100 000 pF


Similar Part No. - VJ1210Y393

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1210Y393 VISHAY-VJ1210Y393 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
More results

Similar Description - VJ1210Y393

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com