Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDX7B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RDX7B
Description  Metal Oxide Resistors Special Purpose, High Voltage, Ratio Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RDX7B Datasheet(HTML) 1 Page - Vishay Siliconix

  RDX7B Datasheet HTML 1Page - Vishay Siliconix RDX7B Datasheet HTML 2Page - Vishay Siliconix RDX7B Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 31034
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 19-Nov-10
1
Metal Oxide Resistors, Special Purpose, High Voltage, Ratio Divider
RDX
Vishay Dale
FEATURES
• Higher ranges and different sizes available on request
• TCR: ± 200 ppm/°C standard, ± 100 ppm/°C available
• Tolerance ratio ± 1 %
• Available with leads and/or mounting lugs in any required
combination
Note
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER
RATING
P125 °C
W
MAXIMUM
WORKING
VOLTAGE (R1) (1)
V
RESISTANCE RANGE
Ω
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
MAXIMUM
RATIO
MIN. R1
MAX. R2
RDX2
RDX-2
4.0
15.0K
2K
2G
1, 2, 5, 10
100, 200
5000:1
RDX3
RDX-3
5.0
22.5K
3K
10G
1, 2, 5, 10
100, 200
10 000:1
RDX4
RDX-4
7.0
30.0K
4K
10G
1, 2, 5, 10
100, 200
10 000:1
RDX5
RDX-5
8.0
37.5K
5K
10G
1, 2, 5, 10
100, 200
10 000:1
RDX6
RDX-6
10.0
45.0K
6K
10G
1, 2, 5, 10
100, 200
10 000:1
RDX7
RDX-7
12.0
52.5K
7K
10G
1, 2, 5, 10
100, 200
10 000:1
GLOBAL PART NUMBER INFORMATION
P x R
New Global Part Numbering: RDX3A2M50GNJ03AA (preferred part numbering format)
R
D
X
3
A
2M5
0
G
N
J
0
3
A
A
TEMP.
COEFFICIENT
K = 100 ppm
N = 200 ppm
SPECIAL
Blank = Standard
(Dash number)
(Up to 2 digits)
From 1 to 99
as applicable
PACKAGING
E03 = Lead (Pb)-free, skin
J03 = Tin/lead, skin
TOLERANCE
CODE
F = ± 1 %
G = ± 2 %
J = ± 5 %
K = ± 10 %
RATIO
AA = 10 000:1
AB = 5 000:1
AC = 1000:1
AD = 2000:1
ZZ = Custom
GLOBAL
MODEL
RDX2
RDX3
RDX4
RDX5
RDX6
RDX7
CONSTRUCTION
A = Axial leads
B = Radial tabs
C = Radial ends,
Axial tap
RESISTANCE
VALUE (R
1)
K = k
Ω
M = M
Ω
G = G
Ω
2K00 = 2.0 k
Ω
100M = 100 M
Ω
10G0 = 10 G
Ω
Historical Part Number: RDX-3A2M50G10000:1M (will continue to be accepted)
G
2M50
RDX-3
HISTORICAL
MODEL
CONSTRUCTION
M
J03
RESISTANCE
VALUE
TOLERANCE
CODE
TEMP.
COEFFICIENT
10 000:1
RATIO
PACKAGING
A


Similar Part No. - RDX7B

ManufacturerPart #DatasheetDescription
logo
Rohm
RDX030N60 ROHM-RDX030N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX045N60 ROHM-RDX045N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX050N50 ROHM-RDX050N50 Datasheet
59Kb / 3P
   10V Drive Nch MOS FET
RDX060N60 ROHM-RDX060N60 Datasheet
68Kb / 3P
   10V DRIVE NCH MOS FET
RDX080N50 ROHM-RDX080N50 Datasheet
67Kb / 3P
   10V Drive Nch MOS FET
More results

Similar Description - RDX7B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNX0381M00FKEL VISHAY-RNX0381M00FKEL Datasheet
88Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
RNX VISHAY-RNX Datasheet
82Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
ROX VISHAY-ROX Datasheet
168Kb / 5P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 23-Dec-14
RJU VISHAY-RJU Datasheet
95Kb / 3P
   Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
Revision 09-Sep-04
HVW VISHAY-HVW Datasheet
78Kb / 3P
   Metal Alloy Resistors, Special Purpose, High Voltage
Revision: 21-Aug-06
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
   METAL OXIDE RESISTORS
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
   Metal Film Resistors, Special Purpose, Fusible, Flameproof
Revision: 14-May14
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Panasonic Semiconductor
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com