Electronic Components Datasheet Search |
|
PE60LEFPW204ML Datasheet(PDF) 4 Page - Vishay Siliconix |
|
PE60LEFPW204ML Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 5 page PE60 Power Panel Potentiometer Vishay Sfernice Document Number: 51005 For technical questions, contact: sfer@vishay.com See also: Application notes www.vishay.com Revision: 05-Jun-08 137 SAP ORDERING INFORMATION (Part Number 18 digits) MODEL BUSHING OPTION SHAFT LEADS OHMIC VALUE TOLERANCE LAW SPECIAL NUMBER M = Panel sealed L = STD F = 3/8" 0 = none For L Bushing D = DBAN L = LPRP B = DBAN and LPRP For F Bushing L = LPRP For M Bushing E = Peg For L Bushing FG 16 mm, slotted FL 25 mm, slotted FR 50 mm, plain For F Bushing GB 1/2", slotted GJ 7/8", slotted GR 2", slotted For M Bushing FD = 13 mm, slotted FJ = 22 mm, slotted FP = 47 mm, plain W: Wire 204 = 200 k Ω ± 20 % on request ± 10 % ± 5 % A = Linear L = clockwise logarithmic F = clockwise inverse logarithmic (if applicable) Given by VISHAY for custom design PART NUMBER DESCRIPTION (for information only) PE60 L 0 FG W 200 k Ω 20 % ABO5 e4 MODEL BUSHING OPTION SHAFT LEADS OHMIC VALUE TOL LAW PACKAGING SPECIAL SPECIAL LEAD (Pb)-FREE L0F G W 2 0 M 6 P 0 E 4A |
Similar Part No. - PE60LEFPW204ML |
|
Similar Description - PE60LEFPW204ML |