Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2073 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 2SC2073
Description  POWER TRANSISTORS(1.5A,150V,25W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC2073 Datasheet(HTML) 3 Page - Mospec Semiconductor

  2SC2073 Datasheet HTML 1Page - Mospec Semiconductor 2SC2073 Datasheet HTML 2Page - Mospec Semiconductor 2SC2073 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - 2SC2073

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SC2073 TEL-2SC2073 Datasheet
59Kb / 1P
   Plastic-Encapsulated Transistors
logo
New Jersey Semi-Conduct...
2SC2073 NJSEMI-2SC2073 Datasheet
124Kb / 2P
   Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC2073 SAVANTIC-2SC2073 Datasheet
129Kb / 4P
   Silicon NPN Power Transistors
logo
Jinan Jing Heng Electro...
2SC2073 JINGHENG-2SC2073 Datasheet
1Mb / 7P
   NPN Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SC2073 ISC-2SC2073 Datasheet
270Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC2073

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA940 MOSPEC-2SA940 Datasheet
113Kb / 3P
   POWER TRANSISTORS(1.5A,150V,25W)
SJE1497 MOSPEC-SJE1497 Datasheet
113Kb / 3P
   POWER TRANSISTORS(1.5A,150V,25W)
2SD401A MOSPEC-2SD401A Datasheet
113Kb / 3P
   POWER TRANSISTORS(2A,150V,25W)
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
2N3740 MOSPEC-2N3740 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
2N4898 MOSPEC-2N4898 Datasheet
180Kb / 4P
   POWER TRANSISTORS(1A, 25W)
2SA671 MOSPEC-2SA671 Datasheet
116Kb / 3P
   POWER TRANSISTORS(3.0A,50V,25W)
2N3441 MOSPEC-2N3441 Datasheet
94Kb / 2P
   POWER TRANSISTORS(3A,140V,25W)
2SC1061 MOSPEC-2SC1061 Datasheet
110Kb / 3P
   POWER TRANSISTORS(3.0A,50V,25W)
2N4912 MOSPEC-2N4912 Datasheet
188Kb / 4P
   POWER TRANSISTORS(1A,80V,25W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com