Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-200-08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PT-200-08
Description  Transformers Pulse, Trigger Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PT-200-08 Datasheet(HTML) 5 Page - Vishay Siliconix

  PT-200-08 Datasheet HTML 1Page - Vishay Siliconix PT-200-08 Datasheet HTML 2Page - Vishay Siliconix PT-200-08 Datasheet HTML 3Page - Vishay Siliconix PT-200-08 Datasheet HTML 4Page - Vishay Siliconix PT-200-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - PT-200-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PT-20 VISHAY-PT-20 Datasheet
106Kb / 4P
   Transformers Pulse, Trigger Type
Revision: 29-Nov-07
logo
Sensata Technologies, I...
PT-20-10 SENSATA-PT-20-10 Datasheet
150Kb / 3P
   ADVANCED MPPT SUPPORT FOR SMALLER PV SYSTEMS
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
   Sales Outline Drawing
logo
Mallory Sonalert Produc...
PT-2020PQ MSPI-PT-2020PQ Datasheet
87Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
PT-2030P-PQ MSPI-PT-2030P-PQ Datasheet
105Kb / 1P
   Resonant Frequency (Hz) 2000 짹 500
More results

Similar Description - PT-200-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PT-10 VISHAY-PT-10 Datasheet
106Kb / 4P
   Transformers Pulse, Trigger Type
Revision: 29-Nov-07
PT1020 VISHAY-PT1020 Datasheet
98Kb / 4P
   Through-Hole Transformers Pulse, Trigger Type
Revision: 06-Dec-11
logo
PCA ELECTRONICS INC.
EP157XX PCA-EP157XX_15 Datasheet
17Kb / 1P
   Stand-Off Type Pulse Transformers
EP182XX PCA-EP182XX_15 Datasheet
121Kb / 1P
   Stand-Off Type Pulse Transformers
EP15760 PCA-EP15760 Datasheet
17Kb / 1P
   Stand-Off Type Pulse Transformers
EP18270 PCA-EP18270 Datasheet
121Kb / 1P
   Stand-Off Type Pulse Transformers
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
   Pulse Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com