Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y149612R7560B0R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y149612R7560B0R
Description  High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y149612R7560B0R Datasheet(HTML) 1 Page - Vishay Siliconix

  Y149612R7560B0R Datasheet HTML 1Page - Vishay Siliconix Y149612R7560B0R Datasheet HTML 2Page - Vishay Siliconix Y149612R7560B0R Datasheet HTML 3Page - Vishay Siliconix Y149612R7560B0R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VSM Series (0805, 1206, 1506, 2010, 2512)
Vishay Foil Resistors
High Precision Foil Wraparound Surface Mount Chip Resistor with
TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63070
1
Revision: 18-Sep-08
Any value at any tolerance within resistance range
INTRODUCTION
Bulk Metal® Foil (BMF) Technology out-performs all other
resistor technologies available today for applications that
require high precision and high stability, and allows
production of customer oriented products designed to satisfy
challenging and specific technical requirements.
The BMF provides an inherently low and predictable
Temperature Coefficient of Resistance (TCR) and excellent
load life stability for high precision analog applications.
Model VSM offers low TCR, excellent load life stability, tight
tolerance, excellent shelf life stability, low current noise and
low voltage coefficient, all in the same resistor.
The VSM has a full wraparound termination which ensures
safe handling during the manufacturing process, as well as
providing stability during multiple thermal cyclings.
Our Application Engineering Department is available to
advise and make recommendations. For non-standard
technical requirements and special applications, please
contact us using the e-mail address in the footer below.
Note
1. For tighter performances, please contact Vishay Application
Engineering using the e-mail addresses in the footer below.
FEATURES
• Temperature coefficient of resistance (TCR):
± 2.0 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.) (see table 1)
• Tolerance: to ± 0.01 %
• Power rating: to 400 mW at + 70 °C
• Load life stability: to ± 0.01 % at 70 °C, 2000 h
at rated power
• Resistance range: 10 Ω to 150 kΩ (for higher and lower
values, please contact us)
• Fast thermal stabilization < 1 s
• Electrostatic discharge (ESD) above 25 000 V
• Short time overload: ≤ 0.01 %
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: - 42 dB
• Voltage coefficient < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Matched sets are available per request
• Any value available within resistance range (e.g. 1K2345)
• Screening per EEE-INST-002 is available for military and
space
• Prototype samples available from 48 h. For more
information, please contact foil@vishay.com
For better performances please review VSMP and
VFCP Series datasheets
APPLICATIONS
• Automatic test equipment (ATE)
• High precision instrumentation
• Laboratory, industrial and medical
• Audio
• EB applications (electron beam scanning and recording
equipment, electron microscopes)
• Military and space
• Satellite
• Commercial aviation
• Airborne
• Down hole instrumentation
• Communication
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - TOLERANCE AND TCR VS.
RESISTANCE VALUE1)
(- 55 °C to + 125 °C, + 25 °C Ref.)
RESISTANCE
VALUE
(
Ω)
TOLERANCE
(%)
TYPICAL TCR AND
MAX. SPREAD
(ppm/°C)
250 to 150K
± 0.01
± 2 ± 2
100 to < 250
± 0.02
± 2 ± 3
50 to < 100
± 0.05
± 2 ± 3
25 to < 50
± 0.1
± 2 ± 4
10 to < 25
± 0.25
± 2 ± 6
Top View
FIGURE 1 - POWER DERATING CURVE
Available
Pb-free
RoHS*
COMPLIANT
100
75
50
25
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
+ 70 °C
- 55 °C


Similar Part No. - Y149612R7560B0R

ManufacturerPart #DatasheetDescription
logo
C&K Components
Y14173 CK-COMPONENTS-Y14173 Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
Y1417U CK-COMPONENTS-Y1417U Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
Vishay Siliconix
Y144280K5000A0L VISHAY-Y144280K5000A0L Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Y144280K5000B0L VISHAY-Y144280K5000B0L Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Y144280K5000C0L VISHAY-Y144280K5000C0L Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
More results

Similar Description - Y149612R7560B0R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VCS1625 VISHAY-VCS1625 Datasheet
119Kb / 4P
   High Precision Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 2 ppm/째C and Load Life Stability of 짹 0.02 %
Revision: 19-Feb-08
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
Y16363K00000T9W VISHAY-Y16363K00000T9W Datasheet
433Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
Revision: 26-Mar-10
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com