Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE60MLFJW204ML Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PE60MLFJW204ML
Description  Power Panel Potentiometer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PE60MLFJW204ML Datasheet(HTML) 3 Page - Vishay Siliconix

  PE60MLFJW204ML Datasheet HTML 1Page - Vishay Siliconix PE60MLFJW204ML Datasheet HTML 2Page - Vishay Siliconix PE60MLFJW204ML Datasheet HTML 3Page - Vishay Siliconix PE60MLFJW204ML Datasheet HTML 4Page - Vishay Siliconix PE60MLFJW204ML Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PE60
Vishay Sfernice
Power Panel Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
See also: Application notes
Document Number: 51005
136
Revision: 05-Jun-08
MARKING
Printed:
- VISHAY trademark
- SAP Part number
- manufacturing date
PACKAGING
- in box of 5 pieces
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT
RT
(%)
ΔR1-2
R1-2
(%)
Climatic Sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold - 55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
Long Term Damp Heat
56 days
± 0.5 %
± 1 %
Insulation resistance: > 104 M
Ω
Rotational Life
25 000 cycles
± 3 %
Contact res. variation: < 5 % Rn
Load Life
1000 hours at rated power
90’/30’ - ambient temp. 25 °C
± 3 %
Contact res. variation: < 3 % Rn
Rapid Temperature Change
5 cycles
- 55 °C at + 125 °C
± (0.5 % ± 0.1
Ω)
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
Vibration
10 - 55 Hz
0.75 mm or 10 g
during 6 hours
± 0.1 %
± 0.2 %
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
- 55 °C
+ 125 °C
MAX.
POWER
AT 25 °C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
WIPER
Ω
WV
mA
ppm/°C
1
6
2.4
2449
± 500
2
3.5
1732
5
5.5
1095
10
7.7
775
20
11.0
548
25
12.2
490
50
17.3
346
± 250
100
24.5
245
200
34.6
173.2
250
38.7
154.9
500
54.8
109.5
1K
77.5
77.5
2K
110
54.8
2.5K
122
49.0
5K
173
34.64
10K
245
24.49
20K
6
346
17.32
25K
4.90
350
14.00
50K
2.45
7.00
100K
1.23
3.50
200K
0.61
1.75
250K
0.49
1.40
500K
0.25
0.70
1M
0.12
350
0.35


Similar Part No. - PE60MLFJW204ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE60MEFDW204MA VISHAY-PE60MEFDW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFDW204MF VISHAY-PE60MEFDW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFDW204ML VISHAY-PE60MEFDW204ML Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFJW204MA VISHAY-PE60MEFJW204MA Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
PE60MEFJW204MF VISHAY-PE60MEFJW204MF Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
More results

Similar Description - PE60MLFJW204ML

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P09X TTELEC-P09X Datasheet
976Kb / 6P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
   Power Panel 6 W Potentiometer
Revision: 04-Jul-17
logo
TT Electronics.
P090 TTELEC-P090 Datasheet
546Kb / 3P
   Panel Potentiometer
P08X TTELEC-P08X Datasheet
1Mb / 7P
   Panel Potentiometer
P110 TTELEC-P110 Datasheet
629Kb / 4P
   Panel Potentiometer
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
   Power Panel 6 W Potentiometer
01-Jan-2022
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
09VR CTS-09VR Datasheet
1Mb / 7P
   9mm Panel Potentiometer
14VR CTS-14VR Datasheet
922Kb / 5P
   14mm Panel Potentiometer
12VR CTS-12VR Datasheet
847Kb / 7P
   12mm Panel Potentiometer w/Illuminated Shaft
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com