Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGB18ACT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # UGB18ACT
Description  Dual Common-Cathode Ultrafast Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGB18ACT Datasheet(HTML) 4 Page - Vishay Siliconix

  UGB18ACT Datasheet HTML 1Page - Vishay Siliconix UGB18ACT Datasheet HTML 2Page - Vishay Siliconix UGB18ACT Datasheet HTML 3Page - Vishay Siliconix UGB18ACT Datasheet HTML 4Page - Vishay Siliconix UGB18ACT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UG(F,B)18ACT thru UG(F,B)18DCT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88759
Revision: 09-Nov-07
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.


Similar Part No. - UGB18ACT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UGB18ACT GE-UGB18ACT Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - UGB18ACT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 27-Aug-08
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
UG18CT VISHAY-UG18CT Datasheet
189Kb / 4P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-15
U20XCT-E3 VISHAY-U20XCT-E3 Datasheet
150Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
U30XCT-E3 VISHAY-U30XCT-E3 Datasheet
146Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
FEP16XT VISHAY-FEP16XT Datasheet
152Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 23-Feb-16
UG18XCT VISHAY-UG18XCT Datasheet
153Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
UG8JCT VISHAY-UG8JCT_07 Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UB20BCT-E3 VISHAY-UB20BCT-E3 Datasheet
145Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Oct-13
UG30APT-E3 VISHAY-UG30APT-E3_V01 Datasheet
88Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com