Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ9926Y823 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ9926Y823
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Low Profile Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ9926Y823 Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ9926Y823 Datasheet HTML 1Page - Vishay Siliconix VJ9926Y823 Datasheet HTML 2Page - Vishay Siliconix VJ9926Y823 Datasheet HTML 3Page - Vishay Siliconix VJ9926Y823 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Not for New Designs
Product Discontinuation
VJ X7R VTOP
Surface Mount Multilayer Ceramic Chip Capacitors
for Low Profile Applications
Vishay Vitramon
Document Number: 45024
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 29-Sep-08
67
SELECTION CHART
IMPEDANCE VS. FREQUENCY
5
0
- 15
- 5
- 10
8
7
6
5
4
3
2
1
0
CAP
DF
TEMPERATURE °C
- 50 - 25
0
25
50
75
100 125
CAPACITANCE AND DISSIPATION FACTOR
VS. TEMPERATURE
HOURS
AGING RATE
1
10
100
1000
10 000
1.0
0.0
- 1.0
- 2.0
- 3.0
- 4.0
5
0
- 15
-
5
- 10
- 20
0
5
10 15
20 25
20 35 40
45
50
VOLTAGE COEFFICIENT OF CAPACITANCE
25 V
RATED
50 V
RATED
0
1000
1000
100
0.1
FREQUENCY (MHz)
10
1
100
0603
SIZE
VJ9522
VJ9526
10 000 pF
1000 pF
1
10
0
1000
1000
100
0.1
FREQUENCY (MHz)
10
1
100
1206
SIZE
VJ9722
VJ9726
1
10
10 000 pF
1000 pF
1000
100
0.1
10
1
0805
SIZE
VJ9622
VJ9626
10 000 pF
1000 pF
100 000 pF
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
0.1
1000
1000
100
0.1
FREQUENCY (MHz)
10
1
100
1210
SIZE
VJ9922
VJ9926
0.01
110
0.01 µF
0.1 µF
0.047 µF


Similar Description - VJ9926Y823

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ0603A101KXXCW1BC VISHAY-VJ0603A101KXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0805Y472MXXCW1BC VISHAY-VJ0805Y472MXXCW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
VJ0402A1R2BXACW1BC VISHAY-VJ0402A1R2BXACW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commodity Applications
Revision: 27-Mar-13
GA31G VISHAY-GA31G Datasheet
176Kb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com