Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCST1300 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCST1300
Description  Transmissive Optical Sensor with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1300 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCST1300 Datasheet HTML 1Page - Vishay Siliconix TCST1300 Datasheet HTML 2Page - Vishay Siliconix TCST1300 Datasheet HTML 3Page - Vishay Siliconix TCST1300 Datasheet HTML 4Page - Vishay Siliconix TCST1300 Datasheet HTML 5Page - Vishay Siliconix TCST1300 Datasheet HTML 6Page - Vishay Siliconix TCST1300 Datasheet HTML 7Page - Vishay Siliconix TCST1300 Datasheet HTML 8Page - Vishay Siliconix TCST1300 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TCST1103/1202/1300/2103/2202/2300
Document Number 83764
Rev. 1.8, 16-Aug-06
Vishay Semiconductors
www.vishay.com
5
Figure 10. Turn on/off Time vs. Collector Current
Figure 11. Relative Collector Current vs. Displacement
0
IC - Collector Current (mA)
95 11086
Non saturated
operation
VS = 5 V
RL = 100
Ω
t on
0
5
10
15
20
t off
10
8
6
4
2
0
10
20
30
40
50
60
70
80
90
100
110
- 0.5
s - Displacement (mm)
96 12005
0
s
A = 1 mm
0.2 0.3 0.4 0.5
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
Figure 12. Relative Collector Current vs. Displacement
Figure 13. Relative Collector Current vs. Displacement
96 12006
0
s
A = 0.5 mm
0
10
20
30
40
50
60
70
80
90
100
110
- 0.5
s - Displacement (mm)
0.3 0.4
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
0.5
96 12007
0
s
A = 0.25 mm
0
10
20
30
40
50
60
70
80
90
100
110
- 0.5
s - Displacement (mm)
0.4
0.3
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
0.5


Similar Part No. - TCST1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST1300 VISHAY-TCST1300 Datasheet
82Kb / 9P
   Transmissive Optical Sensor with Phototransistor Output
Rev. A5, 08-Jun-99
TCST1300 VISHAY-TCST1300 Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCST1300 VISHAY-TCST1300 Datasheet
266Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.9, 17-Aug-09
TCST1300 VISHAY-TCST1300 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCST1300 VISHAY-TCST1300 Datasheet
241Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 2.0, 24-Aug-11
More results

Similar Description - TCST1300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.4, 16-Aug-06
TCST1030 VISHAY-TCST1030_10 Datasheet
243Kb / 11P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.8, 20-Sep-10
TCST5250 VISHAY-TCST5250_09 Datasheet
312Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST2103 VISHAY-TCST2103_09 Datasheet
273Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.0, 17-Aug-09
TCST1030 VISHAY-TCST1030_06 Datasheet
164Kb / 10P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.6, 16-Aug-06
TCST1230 VISHAY-TCST1230_06 Datasheet
138Kb / 7P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.7, 06-Nov-06
TCST1210 VISHAY-TCST1210 Datasheet
52Kb / 6P
   Transmissive Optical Sensor with Phototransistor Output
Rev. A1, 08-Jun-99
TCST5123 VISHAY-TCST5123 Datasheet
76Kb / 7P
   Transmissive Optical Sensor with Phototransistor Output
Rev. A3, 08-Jun-99
TCST1103 VISHAY-TCST1103_V01 Datasheet
246Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com