Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ1808A123 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VJ1808A123
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ1808A123 Datasheet(HTML) 2 Page - Vishay Siliconix

  VJ1808A123 Datasheet HTML 1Page - Vishay Siliconix VJ1808A123 Datasheet HTML 2Page - Vishay Siliconix VJ1808A123 Datasheet HTML 3Page - Vishay Siliconix VJ1808A123 Datasheet HTML 4Page - Vishay Siliconix VJ1808A123 Datasheet HTML 5Page - Vishay Siliconix VJ1808A123 Datasheet HTML 6Page - Vishay Siliconix VJ1808A123 Datasheet HTML 7Page - Vishay Siliconix VJ1808A123 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VJ OMD - C0G (NP0)
Surface Mount Multilayer Ceramic Chip Capacitor Solutions
for Boardflex Sensitive Applications
Vishay Vitramon
Document Number: 45047
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Aug-08
91
Notes:
(1) DC voltage rating should not be exceeded in application
(2) Process code with 2 digits has to be added
• Polymer plus termination “B” termination part number code length dimensions positive tolerances (including bandwidth) above are allowed to
increase by the following amounts.
1206 and smaller case sizes: Length 0.002" (0.05 mm)
1210 and larger case sizes: Length 0.004" (0.1 mm)
DIMENSIONS in inches [millimeters]
PART
ORDERING
NUMBER
LENGTH (L)
WIDTH (W)
MAXIMUM
THICKNESS
(T)
TERMINATION PAD (P)
MINIMUM
MAXIMUM
VJ1206
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.067 [1.70]
0.010 [0.25]
0.028 [0.71]
VJ1210
0.126 ± 0.008
[3.20 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.067 [1.70]
0.010 [0.25]
0.028 [0.71]
VJ1808
0.180 ± 0.010
[4.57 ± 0.25]
0.080 ± 0.010
[2.03 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ1812
0.177 ± 0.010
[4.50 ± 0.25]
0.126 ± 0.008
[3.20 ± 0.20]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ1825
0.177 ± 0.010
[4.50 ± 0.25]
0.252 ± 0.010
[6.40 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ2220
0.220 ± 0.008
[5.59 ± 0.20]
0.200 ± 0.008
[5.08 ± 0.20]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
VJ2225
0.220 ± 0.010
[5.59 ± 0.25]
0.250 ± 0.010
[6.35 ± 0.25]
0.086 [2.18]
0.010 [0.25]
0.030 [0.76]
L
W
T
MAX.
P
ORDERING INFORMATION
VJ1206
A
101
J
X
B
A
T
## (2)
CASE
SIZE
DIELECTRIC
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
TERMINATION
DC VOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
1206
1210
1808
1812
1825
2220
2225
A = C0G (NP0)
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Example:
101= 100 pF
F = ± 1 %
G = ± 2 %
H = ± 3 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 %Tin plate
matte finish
F = AgPd
B = Polymer
100 % Tinplate
matte finish
A = 50 V
B = 100 V
C = 200 V
E = 500 V
L = 630 V
G = 1000 V
R = 1500 V
F = 2000 V
H = 3000 V
A = Unmarked T = 7" Reels
R = 11 1/4"
Reels
B = Bulk
W = Waffle
tray
4X = OMD Cap
5H = OMD Cap
100 % Voltage
condition


Similar Part No. - VJ1808A123

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ1808A102BFAAT VISHAY-VJ1808A102BFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1808A102BFXAT VISHAY-VJ1808A102BFXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1808A102BXAAT VISHAY-VJ1808A102BXAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1808A102BXXAT VISHAY-VJ1808A102BXXAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ1808A102CFAAT VISHAY-VJ1808A102CFAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
More results

Similar Description - VJ1808A123

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJ2220Y224KBEAT4X VISHAY-VJ2220Y224KBEAT4X Datasheet
221Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 22-Jul-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
logo
Johanson Technology Inc...
102R18W101KV4E JOHANSON-102R18W101KV4E Datasheet
1Mb / 36P
   ceramic capacitor solutions
102S48W104KV4E JOHANSON-102S48W104KV4E Datasheet
1Mb / 36P
   Ceramic Capacitor Solutions
102R18N220JV4E JOHANSON-102R18N220JV4E Datasheet
1Mb / 40P
   Ceramic Capacitor Solutions
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com