Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6325-X009 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH6325-X009
Description  High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6325-X009 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH6325-X009 Datasheet HTML 1Page - Vishay Siliconix SFH6325-X009 Datasheet HTML 2Page - Vishay Siliconix SFH6325-X009 Datasheet HTML 3Page - Vishay Siliconix SFH6325-X009 Datasheet HTML 4Page - Vishay Siliconix SFH6325-X009 Datasheet HTML 5Page - Vishay Siliconix SFH6325-X009 Datasheet HTML 6Page - Vishay Siliconix SFH6325-X009 Datasheet HTML 7Page - Vishay Siliconix SFH6325-X009 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 83679
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 10-Jan-08
1
High Speed Optocoupler, Dual Channel, 1 MBd,
Transistor Output
SFH6325/SFH6326
Vishay Semiconductors
DESCRIPTION
The SFH6325/SFH6326 are dual channel optocouplers with
a GaAIAs infrared emitting diode, optically coupled with an
integrated photo detector which consists of a photo diode
and a high-speed transistor in a DIP-8 plastic package.
Signals
can be transmitted
between two
electrically
separated circuits up to frequencies of 2.0 MHz. The
potential difference between the circuits to be coupled
should not exceed the maximum permissible reference
voltages.
FEATURES
• Isolation test voltage, 5300 VRMS
• TTL compatible
• Bit rates: 1.0 MBit/s
• High common mode transient immunity
• Bandwidth 2.0 MHz
• Open collector output
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
Note
For additional information on the available options refer to option information.
i179071
1
2
3
4
8
7
6
5
C(VCC)
C1(V01)
C2(V02)
E(GND)
A1
C1
C2
A2
ORDER INFORMATION
PART
REMARKS
SFH6325
CTR > 7.0 %, DIP-8
SFH6326
CTR > 19 %, DIP-8
SFH6325-X009
CTR > 7.0 %, SMD-8 (option 9)
SFH6326-X006
CTR > 19 %, DIP-8 400 mil (option 6)
SFH6326-X007
CTR > 19 %, SMD-8 (option 7)
SFH6326-X009
CTR > 19 %, SMD-8 (option 9)
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
4.5
V
Forward continuous current
IF
25
mA
Peak forward current
t = 1.0 ms, duty cycle 50 %
IFM
50
mA
Maximum surge forward current
t
≤ 1.0 µs, 300 pulses/s
IFSM
1.0
A
Derate linearly from 25 °C
0.6
mW/°C
Power dissipation
Tamb ≤ 70 °C
Pdiss
50
mW
OUTPUT
Supply voltage
VS
- 0.5 to 30
V
Output voltage
VO
- 0.5 to 25
V
Collector output current
ICO
8.0
mA
Derate linearly from 25 °C
1.33
mW/°C
Power dissipation
Tamb ≤ 70 °C
Pdiss
50
mW


Similar Part No. - SFH6325-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6325-X009T VISHAY-SFH6325-X009T Datasheet
185Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
01-Jan-2022
More results

Similar Description - SFH6325-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6326-X007T VISHAY-SFH6326-X007T Datasheet
174Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.7, 06-Jul-11
SFH6326 VISHAY-SFH6326_V01 Datasheet
185Kb / 7P
   High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
01-Jan-2022
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
   High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com